Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 801 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 801 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 797Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 798Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 799Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 800Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 801Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 802Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 803Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 804Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 805Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 801 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
723
32.13.1.1.16 Center Aligned Output PWM Buffered with Dead-Time (OPWMCB) Mode
This operation mode generates a center aligned PWM with dead time insertion to the leading or trailing
edge. A1 and B1 registers are double buffered to allow smooth output signal generation when changing
A2 or B2 registers values on the fly.
The selected counter bus must be running in up/down counter mode, as shown in Figure 32-33. The time
base selected for a channel configured to OPWMCB mode should be a channel configured to MCB mode.
BSL[1:0] bits select the time base. Register A1 contains the ideal duty cycle for the PWM signal and is
compared with the selected time base. Register B1 contains the dead time value and is compared against
the internal counter. For a leading edge dead time insertion, the output PWM duty cycle is equal to the
difference between register A1 and register B1, and for a trailing edge dead time insertion, the output
PWM duty cycle is equal to the sum of register A1 and register B1. Mode[0] bit selects between trailing
and leading dead time insertion, respectively.
NOTE
The internal prescaler of the OPWMCB channel should be set to the same
value of the MCB channel prescaler. These prescalers should also be
synchronized. In this case A1 and B1 registers represents the same timing
scale for duty cycle and dead time insertion.
Figure 32-45 describes the load of A1 and B1 registers which occurs when the selected counter bus reaches
the value one. This counter value defines the cycle boundary. Note that values written to A2 or B2 within
cycle (n) are loaded into A1 or B1 registers, respectively and used to generate matches in cycle (n+1).
Figure 32-45. OPWMCB A1 and B1 registers load
The OUDISn bit can be used to disable the A1 and B1 updates, thus allowing to synchronize the load on
these registers with the load of A1 or B1 registers in others channels. Note that using the update disable
bit A1 and B1 registers can be updated at the same counter cycle thus allowing to change both registers at
the same time.
A1 value
$000020
A2 value
$000020
$000015
$000016
$000015
A1/B1 load signal
Selected Counter == 1
Selected
TIME
write to A2
write to B2
write to B2
write to A2
$000001
$000005
$000006
$000016
cycle n
cycle n+1
cycle n+2
Counter Bus]
B1 value
$000004
B2 value
$000004
$000005
$000006
$000005
$000006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com