Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 804 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 804 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 800Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 801Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 802Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 803Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 804Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 805Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 806Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 807Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 808Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 804 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
726
Freescale Semiconductor
The FLAG bit is not set either in case of a FORCMA or FORCMB or even if both forces are issued at the
same time.
NOTE
FORCMA and FORCMB have the same behavior even in Freeze or normal
mode regarding the output pin transition.
When FORCMA is issued along with FORCMB the output flip-flop is set to the opposite of EDPOL bit
value. This is equivalent of saying that.FORCMA has precedence over FORCMB when lead dead time
insertion is selected and FORCMB has precedence over FORCMA when trail dead time insertion is
selected.
Duty cycle from 0% to 100% can be generated by setting appropriate values to A1 and B1 registers
relatively to the period of the external time base. Setting A1=1 generates a 100% duty cycle waveform. If
A1 > maximum value of the selected counter bus period, then a 0% duty cycle is produced. Assuming
EDPOL is set to one and OPWMCB mode with trail dead time insertion, 100% duty cycle signals can be
generated if B1 occurs at or after the cycle boundary (external counter = 1).
NOTE
A special case occurs when A1 is set to (external counter bus period)/2,
which is the maximum value of the external counter. In this case the output
flip-flop is constantly set to the EDPOL bit value.
The internal channel logic prevents matches from one cycle to propagate to the next cycle. In trail dead
time insertion B1 match from cycle (n) could eventually cross the cycle boundary and occur in cycle (n+1).
In this case B1 match is masked out and does not cause the output flip-flop to transition. Therefore matches
in cycle(n+1) are not affected by the late B1 matches from cycle(n).
Figure 32-48 shows a 100% duty cycle output signal generated by setting A1=4 and B1=3. In this case the
trailing edge is positioned at the boundary of cycle n+1, which is actually considered to belong to cycle
n+2 and therefore does not cause the output flip-flip to transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com