Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 806 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 806 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 802Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 803Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 804Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 805Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 806Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 807Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 808Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 809Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 810Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 806 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
728
Freescale Semiconductor
If subsequent matches occur on comparators A and B, the PWM pulses continue to be generated,
regardless of the state of the FLAG bit.
In order to achieve 100% duty cycle, both registers A1 and B1 must be set to the same value. When a
simultaneous match on comparators A and B occur, the output flip-flop is set at every period to the value
of EDPOL bit. 0% duty cycle is possible by writing 0x000000 to register A. When a match occurs, the
output flip-flop is set at every period to the complement of EDPOL bit. The transfer from register B2 to
B1 is still controlled by MODE[0] bit.
NOTE
If A1 and B1 are set to the 0x000000, a 0% duty cycle waveform is
produced.
Figure 32-49 and Figure 32-50 show the Unified Channel running in OPWM with immediate update and
next period update, respectivelly.
Figure 32-49. Output PWM with immediate update
$FFFFFF
$001000
$000000
selected counter bus
Time
Match A1
output flip-flop
A1 value1
update to A1
$000200
B1 value
B2 value2
$000900
Match B1
Match A1
update to A1
$xxxxxx
$xxxxxx
$xxxxxx
$000200
$001000
$001000
write to B2
Match B1
$000900
Notes: 1. UCAn = A1
2. UCBn = B2
$000900
$001000
$001000
A2 = A1according to OUn bit
B2 = B1according to OUn bit
MODE[0]= 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com