| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 803 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 803 Page - Freescale Semiconductor, Inc |
|
803 / 976 page ![]() Functional Description MAC7200 Microcontroller Family Reference Manual, Rev. 2 Freescale Semiconductor 725 Figure 32-47. Output PWMCB with Trail Dead Time Insertion FLAG can be generated in the trailing edge of the output PWM signal when MODE[1] is cleared, or in both edges, when MODE[1] is set. If subsequent matches occur on comparators A and B, the PWM pulses continue to be generated, regardless of the state of the FLAG bit. NOTE In OPWMCB mode FORCMA and FORCMB do not have the same behavior as a regular match. Instead they force the output flip-flop to constant value which depends upon the selected dead time insertion mode, lead or trail and the value of the EDPOL bit. FORCMA has different behaviors depending upon the selected dead time insertion mode, lead or trail. In lead dead time insertion FORCMA force a transition in the output flip-flop to the opposite of EDPOL. In trail dead time insertion the output flip-flop is forced to the value of EDPOL bit. If FORCMB bit is set, the output flip-flop value depends upon the selected dead time insertion mode. In lead dead time insertion FORCMB forces the output flip-flop to transition to EDPOL bit value. In trail dead time insertion the output flip-flop is forced to the opposite of EDPOL bit value. NOTE FORCMA bit set does not set the internal time-base to 0x000001 as a regular A1 match. EDPOL = 1 internal time base internal counter is set to 1 on A1 match dead-time A1 value A2 value B1 value B2 value write to B2 selected counter bus $000002 $000004 $000002 $000004 $000015 $000015 write to A2 $000013 $000013 $000001 $000002 $000004 $000015 $000013 $000020 dead-time output flip-flop FLAG set event $000001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |