Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 821 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 821 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 817Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 818Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 819Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 820Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 821Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 822Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 823Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 824Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 825Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 821 / 976 page
background image
Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
743
•
Programmable channel sampling order
•
Several sampling modes supported
— Continuous Conversion Mode
— Convert and Pause
— Convert on Trigger
•
Flexible Trigger Control
— Configurable external trigger functionality on any ATD channel
— 2 selectable on-chip triggers
33.8.4
Modes of Operation
The ATD has different modes of operation:
•
Normal mode
•
Doze mode for medium power saving
•
Debug mode for error tracking (no power saving included)
•
Disabled mode for maximum power saving
For further details about the ATD behavior in the various operation modes please Section 33.11.4, “Low
Power / Operating Modes”.
33.9
Signal Description
33.9.1
Overview
All I/O signals connected to the external SoC pins are summarized in Table 33-3 and described in more
detail in the next sub-sections.
Table 33-3. DMADC1032 Signals
Signal Name
Direction
Description
Reset state
VDDA
Input
Secondary power supply
—
VSSA
Input
Ground for secondary power supply
—
VRH
Input
High reference voltage for ATD conversions
—
VRL
Input
Low reference voltage for ATD conversions
—
VREFC
Input
External buffer capacitor for reference voltage
—
AN00
Input
Channel 0: single-ended analog input
—
AN01
Input
Channel 1: single-ended analog input
—
AN02
Input
Channel 2: single-ended analog input
—
AN03
Input
Channel 3: single-ended analog input
—
AN04
Input
Channel 4: single-ended analog input
—
AN05
Input
Channel 5: single-ended analog input
—
AN06
Input
Channel 6: single-ended analog input
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com