Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 825 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 825 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 821Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 822Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 823Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 824Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 825Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 826Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 827Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 828Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 829Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 825 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
747
Table 33-6 shows the trigger sensitivity according to the TRIGP and TRIGLE bit.
NOTE
Writing to this register will stop the current conversion and discard the
command word in ATDCW. A DMA-request for fetching a command word
will be asserted. The DMA-request for saving a result will remain as it is. A
new conversion will start after a command word has been written to the
command register.
Address Base + 0x00
Access: User read/write
76
54
321
0
R
0
0
0
0
TRIGSEL
TRIGP
TRIGLE
W
Reset
000
00
000
Figure 33-2. ATD Trigger Control Register (ATDTRIGCTL)
Table 33-5. ATDTRIGCTL Field Descriptions
Field
Description
7–4
Reserved, should be cleared.
3–2
TRIGSEL
Trigger source select. Determines the trigger source. An external trigger will always be synchronized internally to the
system clock, resulting in a delay of 4 system clock cycles between the trigger and a conversion start. When using
SYSTRIG0 or SYSTRIG1, there is always a delay of 2 system clock cycles between the trigger and a conversion
start.
00 No external trigger used.
01 Use SYSTRIG0 (on-chip trigger) as trigger.
10 Use SYSTRIG1 (on-chip trigger) as trigger.
11 Use analog input channel (see ETRIGCH) as trigger.
Note: Avoid sampling a channel that is currently set as trigger pin. Otherwise, there will be an increased current
consumption on that pin.
1
TRIGP
Trigger polarity.
0 Trigger is low level/falling edge sensitive.
1 Trigger is high level/rising edge sensitive.
0
TRIGLE
Trigger is level/edge sensitive. Determines whether the trigger is edge or level sensitive. When the conversion mode
for the current command word is set to “wait for trigger”, the conversion starts only if the right trigger is asserted.
0 Trigger is edge sensitive
1 Trigger is level sensitive
Table 33-6. Trigger Sensitivity Selection Table
TRIGP
TRIGLE
Trigger Sensitivity
0
0
falling edge sensitive
0
1
low level sensitive
1
0
rising edge sensitive
1
1
high level sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com