Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 822 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 822 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 818Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 819Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 820Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 821Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 822Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 823Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 824Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 825Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 826Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 822 / 976 page
background image
Signal Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
744
Freescale Semiconductor
33.9.2
Signal Descriptions
In Figure 33-1 a block diagram of the ATD is shown. The signals on the left side of the diagram are SoC
external signals. The signals on the right side are SoC internal signals.
33.9.2.1
VDDA
Power supply for analog conversion circuit
33.9.2.2
VSSA
Ground for VDDA
AN07
Input
Channel 7: single-ended analog input
—
AN08
Input
Channel 8: single-ended analog input
—
AN09
Input
Channel 9: single-ended analog input
—
AN10
Input
Channel 10: single-ended analog input
—
AN11
Input
Channel 11: single-ended analog input
—
AN12
Input
Channel 12: single-ended analog input
—
AN13
Input
Channel 13: single-ended analog input
—
AN14
Input
Channel 14: single-ended analog input
—
AN15
Input
Channel 15: single-ended analog input
—
AN16
Input
Channel 16: single-ended analog input
—
AN17
Input
Channel 17: single-ended analog input
—
AN18
Input
Channel 18: single-ended analog input
—
AN19
Input
Channel 19: single-ended analog input
—
AN20
Input
Channel 20: single-ended analog input
—
AN21
Input
Channel 21: single-ended analog input
—
AN22
Input
Channel 22: single-ended analog input
—
AN23
Input
Channel 23: single-ended analog input
—
AN24
Input
Channel 24: single-ended analog input
—
AN25
Input
Channel 25: single-ended analog input
—
AN26
Input
Channel 26: single-ended analog input
—
AN27
Input
Channel 27: single-ended analog input
—
AN28
Input
Channel 28: single-ended analog input
—
AN29
Input
Channel 29: single-ended analog input
—
AN30
Input
Channel 30: single-ended analog input
—
AN31
Input
Channel 31: single-ended analog input
—
Table 33-3. DMADC1032 Signals
Signal Name
Direction
Description
Reset state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com