Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 836 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 836 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 832Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 833Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 834Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 835Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 836Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 837Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 838Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 839Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 840Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 836 / 976 page
background image
Memory Map and Register Definition
MAC7200 Microcontroller Family Reference Manual, Rev. 2
758
Freescale Semiconductor
ATD will not assert a DMA request for a new command. The DMA request for saving the
conversion result remains unaffected in both cases.
To start a new conversion, the MCU must write a new command word to the command register (see
Section 33.12.3.3, “Example 3: Interrupted Conversion Sequence”).
•
Convert then pause:
If a command word is currently being executed with CWCM = “convert then pause” the ATD will
stop converting after the conversion finished and will set the ATDFLAG.CP bit. No DMA request
for fetching a command word will be asserted. Only a DMA request for saving the result in the
memory will be asserted.
To start a new conversion the MCU must write a new command word (not “conversion reset”) to
the command register (Section 33.12.3.2, “Example 2: A Simple Conversion Sequence (Convert
then Pause)”).
•
Wait for trigger:
If a command word is currently being executed with CWCM = “wait for trigger”, the ATD will
start converting only after a valid trigger has been asserted. For setting the right trigger
source/behavior refer to Section 33.10.2.1, “ATD Trigger Control Register (ATDTRIGCTL) and
Section 33.10.2.2, “ATD External Trigger Channel Register (ATDETRIGCH).
See Section 33.12.3.4, “Example 4: Edge-triggered Conversion” and Section 33.12.3.5, “Example
5: Level-triggered Conversion” for examples about triggered conversions.
•
Convert continuously:
If a command word is currently being executed where CWCM = “convert continuously”, the ATD
will start a new conversion after the current conversion has finished and a new command word is
already available in ATDCW.
If there is no new command word available, the ATD will try to receive one by keeping a DMA
request asserted. After a new command word has been received from the DMA or the MCU, the
ATD will start a new conversion according to the new command word (see Section 33.12.3.6,
“Example 6: Queue Running Idle”).
The following figure shows how right-justified unsigned conversion will look in the RRCR. In the table,
‘Bit[x]’ reflect the bits determined by the successive approximation.
The following figure shows how an right-justified signed conversion will look in the RRCR. When using
“signed” arithmetic, the MSB of the conversion result must be copied to the bits that are not influenced by
RRCR
15
14
13
12
11
10
98
76
54
32
1
0
12 Bit
0
0
0
0
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
LSB
11 Bit
0
00
00
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
LSB
10 Bit
0
00
00
0
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
LSB
8 Bit
0
00
00
000
Bit11
MSB
Bit10
Bit9
Bit8
Bit7
Bit6
Bit5
Bit4
LSB
Figure 33-11. RRCR for Right Justified Unsigned



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com