Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 847 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 847 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 843Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 844Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 845Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 846Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 847Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 848Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 849Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 850Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 851Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 847 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
769
Figure 33-18. Flow Diagram for Result Saving/Command Fetching
33.11.5.3 Command / Result Timing
The following figure should illustrate when a conversion result can be expected after a conversion
finished. It also shows at which time the conversion result should be read / transferred at the latest to avoid
the result being overwritten by another conversion:
Figure 33-19. Command vs. Result Timing
No
Result register
Conversion
a) Result processing
R1
R2
b) New command fetching
Assert DMA
request
Deassert DMA
request
N1
N2
Assert DMA
request
Deassert DMA
request
finished?
Yes
read?
No
Yes
No
Yes
No
Yes
Command word
register written?
ATDCW empty and
current/next conversion not
convert then pause?
No
Yes
N0
Conv. reset? 1
conversion in progress
result available
Convers. #2
Convers. #3
Convers. #4
Result #1
Result #2
Result #3
Result #4
Idle phase
Idle phase
Convers. #1
No result available
Result should
Idle phase
be read before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com