Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 848 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 848 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 844Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 845Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 846Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 847Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 848Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 849Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 850Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 851Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 852Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 848 / 976 page
background image
Functional Description
MAC7200 Microcontroller Family Reference Manual, Rev. 2
770
Freescale Semiconductor
33.11.6 Conversion Timing
The following figure should illustrate which phases exist during a conversion. Some of the phases are
predetermined while others provide options:
Figure 33-20. Various Conversion Phases
The boxes contain the number of system clock cycles (x SYS) or ATD clock cycles (x ATD) needed for
the corresponding phase. For details about the relation between the two clocks refer to Section 33.10.2.3,
“ATD Prescaler Register (ATDPRE).”
In case that the number of ATD clocks is specified as “0.5 ATD” the rounded up number of system clock
cycles needed for half an ATD clock is needed. E.g.: If the ATD clock lasts seven times the period of one
system clock (prescaler is seven) then 0.5 ATD clock cycles will last four times the period of one system
clock cycle. If the ATD clock lasts six times the period of one system clock (prescaler is six) then 0.5 ATD
clock cycles will last three times the period of one system clock cycle etc.
The following paragraphs give an overview about the various phases:
Synchronize
Predischarge
2 ATD
8 ATD
64 ATD
128 ATD
Time
1..16 ATD
0.5 ATD
14 ATD
2 SYS
6 SYS
0.5 ATD
5 SYS
1
2
3
4
5
6
7
Convert channel
Sample channel
Adjust result &
conversion shutdown
Conversion startup
Conversion processing
Always
PRED
ATDTRIGCTL.
TRIGSEL
ATDMODE.
ATDCW.CWSL
ATDCW.CWCH
ATDCW.CWAR
Always
0
0
channel(s)
ext. trigger
0
NOTE: Not drawn to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com