Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 857 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 857 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 853Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 854Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 855Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 856Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 857Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 859Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 860Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 861Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 857 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
779
Figure 33-26. Offset Error Compensated via OCC
33.12.2.3 Steps Required For Calibration
To reduce the total unadjusted error of the conversion results the ATD provides a multiply-and-add
mechanism (MADD) which will adjust the raw conversion result. This adjustment requires two factors:
Gain Calibration Constant (GCC) and Offset Calibration Constant (OCC). The determination of these two
factors is called “calibration.” To determine the two factors the following must be done:
1. Execute initialization steps 1 to 4. (see Section 33.12.1, “Initialization”)
2. Sample special channel 75% x (VRH -VRL) multiple times
3. Sample special channel 25% x (VRH -VRL) multiple times
4. Determine gain calibration constant GCC from Gain
5. Determine offset calibration constant OCC from Offset
6. Write GCC and OCC to ATDCAL
This sequence is described in details in the following sections.
The calibration must always be repeated when influence factors for the ATD accurracy change. As the
ATD supply voltages are not expected to drift the most important influence factor is the temperature.
Although the ATD is very temperature resistant in high accurracy applications a drift might get visible.
The temperature usually changes rapidly when the device is turned on and the ambient temperature is very
low. During this time the gain and the offset are expected to change. But once the device heated up the gain
and offset should remain constant.
VRH-VRL
VANx
Counts
0x3FF
VRH-VRL
Ideal transfer
curve
0x000
TUE [counts]
VANx
0xF
Adjusted
via OCC
Offset > 0
Offset < 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com