Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 860 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 860 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 856Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 857Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 859Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 860Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 861Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 862Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 863Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 864Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 860 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
782
Freescale Semiconductor
After OCC and GCC have been calculated they must be written to the ATDCAL register. Now each raw
conversion result can be automatically adjusted by setting the ATDCW[CWAR] bit.
It is advisable to re-convert the reference channels using the new calibration factors like described in
33.12.2.3.1, “Sample Special Channel 75% x (VRH - VRL) and in 33.12.2.3.2, “Sample Special Channel
25% x (VRH - VRL). The results should match the ideal 25% and 75% results plus a margin that depends
upon the noise on the system.
33.12.2.3.4
Adjustment Example
For a better understanding how the single steps mentioned in Section 33.12.2, “ATD Calibration / Result
Adjustment work an example is provided in this section:
It is assumed that the (averaged) raw results from the 75% x (VRH - VRL) and the 25% x (VRH - VRL)
conversion are 2951 and 951. Therefore the gain is calculated as:
Eqn. 33-16
The gain calibration constant (GCC) is calculated as:
Eqn. 33-17
When calculating GCC it is highly recommended to use truncation instead of rounding.
The offset is calculated as:
Eqn. 33-18
As the offset is positive the offset calibration constant (OCC) is calculated as:
Eqn. 33-19
When calculating OCC it is highly recommended to use truncation instead of rounding.
Now OCC and GCC can be written to the ATDCAL register. To verify that the two constants have been
calculated correctly 75% x (VRH - VRL) and 25% x (VRH - VRL) can be converted again. This time the
CWAR bit in the command word must be set. The results should be 3072 and 1024.
33.12.3 Conversion Examples
This section provides some conversion examples which should clarify the ATD working behavior. The
following examples are given:
•
Example 1: A Simple Conversion
•
Example 2: A Simple Conversion Sequence (Convert then Pause)
•
Example 3: Interrupted Conversion Sequence
•
Example 4: Edge-triggered Conversion
•
Example 5: Level-triggered Conversion
•
Example 6: Queue Running Idle
Gain
2048
RAW
75
RAW
25
–
---------------------------------------------
2048
2951
951
–
-----------------------------
2048
2000
-------------
1.024
=
=
=
=
GCC
Gain
16384
×
16777.2
16777
≈
==
Offset
3072
Gain
RAW
75
×
–
0.5
–
3072
2048
2000
-------------
2951
×
–
0.5
–
49.676
==
=
OCC
Offset
4
×
49.676
4
×
198.70
198
≈
==
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com