Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 859 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 859 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 855Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 856Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 857Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 859Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 860Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 861Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 862Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 863Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 859 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
781
33.12.2.3.3
Determine Gain Constant GCC / Determine Offset Constant OCC
The ideal transfer curve put into a coordinate system is linear, starting in the origin with a slope of 1. The
real device behavior can slightly differ. As the ATD is very linear the only two transfer curve factors that
can vary are the slope (gain) and the origin (offset). Both values must be determined and adjusted.
To determine them two measurements are required. The first measurement (RAW75) is done at 75% of the
maximum voltage (See 33.12.2.3.1 Sample Special Channel 75% x (VRH - VRL)). The second one
(RAW25) is done at 25% of the maximum voltage (See 33.12.2.3.2 Sample Special Channel
25% x (VRH - VRL)). Both values are compared with the expected values (EXP75 and EXP25):
Eqn. 33-6
Eqn. 33-7
The expected values are:
Eqn. 33-8
Eqn. 33-9
Now the gain can be calculated:
Eqn. 33-10
The offset can be calculated either like this:
Eqn. 33-11
or like this:
Eqn. 33-12
The ‘0.5’ in Equation 33-11 and Equation 33-12 moves the ATD transfer curve down by half an LSB and
is therefore reducing the Total Unadjusted Error (TUE) by half an LSB.
The Gain Calibration Constant can be calculated like this:
Eqn. 33-13
For details about GCC, see Section 33.10.2.5, “ATD Calibration Register (ATDCAL).
For offset values >= 0 the Offset Calibration Constant can be calculated like this:
Eqn. 33-14
For offset values < 0 the Offset Calibration Constant can be calculated like this:
Eqn. 33-15
EXP
75
Gain
RAW
75
×
Offset
0.5
++
=
EXP
25
Gain
RAW
25
Offset
0.5
++
×
=
EXP
75
0.75
=
2
12
×
0.75
4096
×
=
3072
=
EXP
25
0.25
=
2
12
×
0.25
4096
×
=
1024
=
Gain
EXP
75
EXP
25
–
RAW
75
RAW
25
–
---------------------------------------------
=
3072
1024
–
RAW
75
RAW
25
–
---------------------------------------------
2048
RAW
75
RAW
25
–
---------------------------------------------
=
=
Offset
EXP
75
Gain
RAW
75
×
0.5
–
3072
Gain
RAW
75
×
–
0.5
–
=
–
=
Offset
EXP
25
Gain
RAW
25
0.5
–
×
1024
Gain
RAW
25
0.5
–
×
–
=
–
=
GCC
Gain
16384
×
=
OCC
Offset
4
×
=
OCC
Offset
4
×
16384
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com