Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 861 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 861 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 857Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 858Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 859Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 860Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 861Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 862Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 863Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 864Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 865Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 861 / 976 page
background image
Initialization/Application Information
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
783
•
Example 7: Entering Low-power Mode During a Conversion
•
Example 8: Debug Mode
Any additional meaning of the remaining command word bits is explained in Section 33.12.3.9,
“Conversion Mechanism (bits CWCH, CWNF, CWGI, CWSC, CWAR)”. If not further specified the
meaning of the bits in ATDCW are either not important for the given example or are intentionally left out
to avoid confusion. All examples refer to the flow diagrams described in Figure 33-17 and Figure 33-18.
33.12.3.1 Example 1: A Simple Conversion
For this example we assume that the ATD has been enabled and tREC has elapsed. At a certain point, a
command word is written to the ATDCW register. It is assumed that CWCM is set to “convert then pause”.
After the write the CSM will immediately go to state C2 and execute the conversion. When the conversion
is finished, the CSM will store the result in the result register ATDRR and then go back to C1
(Figure 33-18). The CSM will also set the pause bit (CP) in the flag register ATDFLAG. If the CPIE bit is
set, an interrupt will be generated.
As there is a result available in ATDRR the Result State Machine (RSM) will transition from R1 to R2
(Figure 33-18b) and will assert a DMA request. The DMA request will stay asserted until the ATDRR
register is read. After the result has been read, the RSM will go back to the idle state C1.
In Figure 33-27 the conversion procedure for this example is shown:
Figure 33-27. Conversion Procedure for Example 1
33.12.3.2 Example 2: A Simple Conversion Sequence (Convert then Pause)
For this example three conversions will be performed in a row with the CSM assumed to be starting from
C1 (Figure 33-17). The command words have the following CWCM bit values:
1. CMD #1, CMD #2: CWCM= “11” (convert continuously)
2. CMD #3: CWCM= “01” (convert then pause)
cmd #1
empty
empty
empty
cmd #1
empty
rst #1
empty
RX request
Write ATDCW
ATDCW
ATDCC
ATDRR
TX request
Read ATDRR
Conv. complete
ATDMODE.MDIS
CSM
C1
C3
C1
R2
R1
RSM
R1
tREC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com