| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 868 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 868 Page - Freescale Semiconductor, Inc |
|
868 / 976 page ![]() Initialization/Application Information MAC7200 Microcontroller Family Reference Manual, Rev. 2 790 Freescale Semiconductor To keep the togetherness of command and result the result which belongs to cmd #4 is named rst #4 although it is the second conversion result in this example. Figure 33-35 shows the described sequence: Figure 33-35. Conversion Procedure for Example 7 33.12.3.8 Example 8: Debug Mode This example shows a conversion sequence during Debug mode. The sequence will be frozen after a conversion finished (“convert then freeze”) and is resumed by leaving Doze mode. In this sequence all command words use the same setting: •CMD #n: CWCW = “continuous conversion” The first conversion is started as usual: there is a DMA request for a command word and therefore the DMA writes cmd #1 to ATDCW which is pushed to ATDCC. At the end of the conversion the result is pushed to ATDRR. After this the second conversion starts (cmd #2). During the second conversion the system enters Debug mode. The second conversion will execute normally until it finishes. As the system is in Debug mode and “convert then freeze” was set the next command word (cmd #3) is not pushed to ATDCC. It will remain in ATDCW until Debug mode is left. Once the system left Debug mode cmd #3 is pushed from ATDCW to ATDCC and the conversion sequence will continue: Figure 33-36. Conversion Procedure for Example 8 (part 1) empty cmd #2 cmd #1 empty #1 empty empty empty RX request Write ATDCW ATDCW ATDCC ATDRR cmd #2 rst #1 empty cmd #5 empty LP-mode #3 empty #4 TX request Read ATDRR tREC cmd #4 #5 empty rst #4 empty cmd #2 cmd #1 empty #1 empty empty empty RX request Write ATDCW ATDCW ATDCC ATDRR empty empty Debug-mode cmd #3 cmd #4 TX request Read ATDRR #5 rst #4 cmd #2 cmd #4 cmd #3 rst #1 rst #2 rst #3 empty cmd #5 empty |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |