Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 970 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 970 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 966Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 967Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 968Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 969Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 970Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 971Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 972Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 973Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 974Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 970 / 976 page
background image
Flash Characteristics
MAC7200 Microcontroller Family Reference Manual, Rev. 2
892
Freescale Semiconductor
A.18.1
NVM Timing Specifications
The Flash Main Array and Shadow Block program and erase operations are timed using an internally
generated clock.
A.18.2
NVM Reliability
The reliability of the NVM blocks is guaranteed by stress test during qualification, constant process
monitors and burn-in to screen early life failures. The failure rates for data retention and program/erase
cycling are specified at the operating conditions noted. The program/erase cycle count on the sector is
incremented every time a sector or erase event is executed.
Table A-36. NVM Program/Erase Times
Symbol
Characteristic
Min
Typ1
1. Typical program and erase times assume nominal supply values and operation at 25C.
Initial
Max2
2. Initial factory condition: < 100 program/erase cycles, nominal supply values and operation at 25C.
Max3
3. The Maximum characteristic is at worst case conditions after the specified number of program erase cycles. This maximum
value is characterized but not guaranteed.
Units
tdwprogram
Double Word (64 bits) Program Time4
4. Actual hardware programming times. This does not include software overhead.
—10—
500
μs
tpprogram
Page (128 bits) Program Time5
5. Actual hardware programming times. This does not include software overhead.
—15
44
500
μs
t16kpperase
16KB Block Pre-program and Erase Time
—
325
525
5,000
ms
t48kpperase
48KB Block Pre-program and Erase Time
—
435
525
5,000
ms
t64kpperase
64KB Block Pre-program and Erase Time
—
525
675
5,000
ms
t128kpperase
128KB Block Pre-program and Erase Time
—
675
1,800
15,000
ms
Table A-37. NVM Module Life
Symbol
Characteristic
Min
Typical
Max
Units
Array P/E
Cycles
P/E Cycles for 16KB, 48KB and 64KB blocks, across full
operating temperature range.
(-40C <= Tj <= 150C)
100,000
—
—
P/E Cycles
P/E Cycles for 128KB blocks, across full operating
temperature range.
(-40C <= Tj <= 150C)
10,000
100,0001
1. Typical P/E Cycles is 100,000 cycles for 128KB blocks. For additional information on the Freescale definition of typical
endurance, please refer to Engineering Bulletin EB619 “Typical Endurance for Nonvolatile Memory”
—
P/E Cycles
Data
Retention
Data Retention for blocks with 0 – 1,000 P/E cycles.
(Maximum temperature Tj = 150C)
20
—
—
Years
Data Retention for blocks with 1,001 – 100,000 P/E cycles.
(Maximum temperature Tj = 150C)
5
—
—
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com