Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 968 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 968 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 964Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 965Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 966Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 967Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 968Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 969Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 970Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 971Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 972Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 968 / 976 page
background image
I2C Timing Specifications
MAC7200 Microcontroller Family Reference Manual, Rev. 2
890
Freescale Semiconductor
Figure A-14. ATD External Trigger Timing Diagram
A.17
I2C Timing Specifications
Table A-34 lists specifications for the I2C input timing parameters shown in Figure A-15.
Table A-35 lists specifications for the I2C output timing parameters shown in Figure A-15.
Table A-34. I2C Input Timing Specifications between SCL and SDA
Num
C
Rating
Min
Typ
Max
Units
AA1
D Start condition hold time
2
—
—
tPERIPH
1
1. tPERIPH = 1/fPERIPH. See parameter C8.
AA2
D Clock low period
8
—
—
tPERIPH
1
AA3
D SCL/SDA rise time (VIL = 0.5 V to VIH = 2.4 V)
—
—
1
ms
AA4
D Data hold time
0
—
—
ns
AA5
D SCL/SDA fall time (VIH = 2.4 V to VIL = 0.5 V)
—
—
1
ms
AA6
D Clock high time
4
—
—
tPERIPH
1
AA7
D Data setup time
0
—
—
ns
AA8
D Start condition setup time (for repeated start condition only)
2
—
—
tPERIPH
1
AA9
D Stop condition setup time
2
—
—
tPERIPH
1
Level Sensitive
Low Active
tDLY
tDLY
Max Frequency
tLR
tDLY
Sequence
Conversion Activity
Complete Flag
Low Active
Sequence
Complete Flag
Conversion Activity
Level Sensitive
tPW
Falling Edge Active
tDLY
tDLY
Max Frequency
Conversion Activity
Edge Sensitive
tPW
tPERIOD
ETRIG
ADx
ETRIG
ASCIF
ADx
ETRIG
ASCIF
ADx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com