Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 141 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 141 Page - Intel Corporation

Back Button 915GL Datasheet HTML 137Page - Intel Corporation 915GL Datasheet HTML 138Page - Intel Corporation 915GL Datasheet HTML 139Page - Intel Corporation 915GL Datasheet HTML 140Page - Intel Corporation 915GL Datasheet HTML 141Page - Intel Corporation 915GL Datasheet HTML 142Page - Intel Corporation 915GL Datasheet HTML 143Page - Intel Corporation 915GL Datasheet HTML 144Page - Intel Corporation 915GL Datasheet HTML 145Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
141
8.1.20
INTRLINE1—Interrupt Line (D1:F0)
PCI Device:
1
Address Offset:
3Ch
Default Value:
00h
Access:
R/W
Size:
8 bits
This register contains interrupt line routing information. The device itself does not use this value;
rather device drivers and operating systems use it to determine priority and vector information.
Bit
Access &
Default
Description
7:0
R/W
00h
Interrupt Connection: This field is used to communicate interrupt line routing
information. POST software writes the routing information into this register as it
initializes and configures the system. The value in this register indicates which
input of the system interrupt controller this device’s interrupt pin is connected to.
8.1.21
INTRPIN1—Interrupt Pin (D1:F0)
PCI Device:
1
Address Offset:
3Dh
Default Value:
00h
Access:
RO
Size:
8 bits
This register specifies which interrupt pin this device uses.
Bit
Access &
Default
Description
7:0
RO
01h
Interrupt Pin: As a single function device, the PCI Express* device specifies
INTA as its interrupt pin.
01h = INTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com