Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 145 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 145 Page - Intel Corporation

Back Button 915GL Datasheet HTML 141Page - Intel Corporation 915GL Datasheet HTML 142Page - Intel Corporation 915GL Datasheet HTML 143Page - Intel Corporation 915GL Datasheet HTML 144Page - Intel Corporation 915GL Datasheet HTML 145Page - Intel Corporation 915GL Datasheet HTML 146Page - Intel Corporation 915GL Datasheet HTML 147Page - Intel Corporation 915GL Datasheet HTML 148Page - Intel Corporation 915GL Datasheet HTML 149Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
145
8.1.24
PM_CS1—Power Management Control/Status (D1:F0)
PCI Device:
1
Address Offset:
84h
Default Value:
00000000h
Access:
RO, R/W/S
Size:
32 bits
Bit
Access &
Default
Description
31:16
Reserved
15
RO
0b
PME Status: This bit indicates that this device does not support PME#
generation from D3cold.
14:13
RO
00b
Data Scale: This field indicates that this device does not support the power
management data register.
12:9
RO
0h
Data Select: This field indicates that this device does not support the power
management data register.
8
R/W/S
0b
PME Enable: This bit indicates that this device does not generate PMEB
assertion from any D-state.
0 = PMEB generation not possible from any D State
1 = PMEB generation enabled from any D State
The setting of this bit has no effect on hardware.
See PM_CAP[15:11]
7:2
Reserved
1:0
R/W
00b
Power State: This field indicates the current power state of this device and can
be used to set the device into a new power state. If software attempts to write an
unsupported state to this field, write operation must complete normally on the
bus, but the data is discarded and no state change occurs.
00 = D0
01 = D1 (Not supported in this device.)
10 = D2 (Not supported in this device.)
11 = D3
Support of D3cold does not require any special action.
While in the D3hot state, this device can only act as the target of PCI
configuration transactions (for power management control). This device also
cannot generate interrupts or respond to MMR cycles in the D3 state. The device
must return to the D0 state to be fully functional.
There is no hardware functionality required to support these power states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com