Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 149 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 149 Page - Intel Corporation

Back Button 915GL Datasheet HTML 145Page - Intel Corporation 915GL Datasheet HTML 146Page - Intel Corporation 915GL Datasheet HTML 147Page - Intel Corporation 915GL Datasheet HTML 148Page - Intel Corporation 915GL Datasheet HTML 149Page - Intel Corporation 915GL Datasheet HTML 150Page - Intel Corporation 915GL Datasheet HTML 151Page - Intel Corporation 915GL Datasheet HTML 152Page - Intel Corporation 915GL Datasheet HTML 153Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
149
8.1.29
MA—Message Address (D1:F0)
PCI Device:
1
Address Offset:
94h
Default Value:
00000000h
Access:
RO, R/W
Size:
32 bits
Bit
Access &
Default
Description
31:2
R/W
00000000 h
Message Address: This field is used by system software to assign an MSI
address to the device.
The device handles an MSI by writing the padded contents of the MD register to
this address.
1:0
RO
00b
Force DWord Align: Hardwired to 0 so that addresses assigned by system
software are always aligned on a DWord address boundary.
8.1.30
MD—Message Data (D1:F0)
PCI Device:
1
Address Offset:
98h
Default Value:
0000h
Access:
R/W
Size:
16 bits
Bit
Access &
Default
Description
15:0
R/W
0000h
Message Data: This field provides a base message data pattern assigned by
system software and used to handle an MSI from the device.
When the device must generate an interrupt request, it writes a 32-bit value to
the memory address specified in the MA register. The upper 16 bits are always
set to 0. This register supplies the lower 16 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com