Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 151 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 151 Page - Intel Corporation

Back Button 915GL Datasheet HTML 147Page - Intel Corporation 915GL Datasheet HTML 148Page - Intel Corporation 915GL Datasheet HTML 149Page - Intel Corporation 915GL Datasheet HTML 150Page - Intel Corporation 915GL Datasheet HTML 151Page - Intel Corporation 915GL Datasheet HTML 152Page - Intel Corporation 915GL Datasheet HTML 153Page - Intel Corporation 915GL Datasheet HTML 154Page - Intel Corporation 915GL Datasheet HTML 155Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
151
8.1.33
DCAP—Device Capabilities (D1:F0)
PCI Device:
1
Address Offset:
A4h
Default Value:
00000000h
Access:
RO
Size:
32 bits
This register indicates PCI Express link capabilities.
Bit
Access &
Default
Description
31:6
Reserved
5
RO
0b
Extended Tag Field Supported: Hardwired to indicate support for 5-bit Tags as a
Requestor.
4:3
RO
00b
Phantom Functions Supported: Hardwired to 0.
2:0
RO
000b
Max Payload Size: Hardwired to indicate 128B maximum supported payload for
Transaction Layer Packets (TLP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com