Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 154 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 154 Page - Intel Corporation

Back Button 915GL Datasheet HTML 150Page - Intel Corporation 915GL Datasheet HTML 151Page - Intel Corporation 915GL Datasheet HTML 152Page - Intel Corporation 915GL Datasheet HTML 153Page - Intel Corporation 915GL Datasheet HTML 154Page - Intel Corporation 915GL Datasheet HTML 155Page - Intel Corporation 915GL Datasheet HTML 156Page - Intel Corporation 915GL Datasheet HTML 157Page - Intel Corporation 915GL Datasheet HTML 158Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
154
Datasheet
8.1.36
LCAP—Link Capabilities (D1:F0)
PCI Device:
1
Address Offset:
ACh
Default Value:
02012E01h
Access:
R/WO
Size:
16 bits
This register indicates PCI Express device specific capabilities.
Bit
Access &
Default
Description
31:24
RO
02h
Port Number: This field indicates the PCI Express* port number for the given PCI
Express link. This field matches the value in Element Self Description [31:24].
23:18
Reserved
17:15
R/WO
010b
L1 Exit Latency: This field indicates the length of time this Port requires to
complete the transition from L1 to L0. The value 010 b indicates the range of 2 µs
to less than 4 µs. If this field is required to be any value other than the default,
BIOS must initialize it accordingly.
Both bytes of this register that contain a portion of this field must be written
simultaneously in order to prevent an intermediate (and undesired) value from
ever existing.
14:12
R/WO
010b
L0s Exit Latency: This field indicates the length of time this Port requires to
complete the transition from L0s to L0. The value 010 b indicates the range of 128
ns to less than 256 ns. If this field is required to be any value other than the
default, BIOS must initialize it accordingly.
Note: When PCI Express* is operating with separate reference clocks, L0s exit
latency may be greater than the setting in the L0s Exit Latency Register.
Expect longer exit latency then setting in L0s Exit Latency Register. The
link may enter Recovery state before reaching L0. System BIOS can
program the appropriate Exit Latency and advertised N_FTS value if it
detects that the downstream device is not using the common reference
clock (indicated in the Slot Clock Configuration bit 12 of the device’s Link
Status Register)
11:10
R/WO
11b
Active State Link PM Support: L0s & L1 entry supported.
9:4
RO
10h
Max Link Width: Hardwired to indicate X16.
When Force X1 mode is enabled on this PCI Express* x16 Graphics Interface
device, this field reflects X1 (01h).
3:0
RO
1h
Max Link Speed: Hardwired to indicate 2.5 Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com