Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 152 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 152 Page - Intel Corporation

Back Button 915GL Datasheet HTML 148Page - Intel Corporation 915GL Datasheet HTML 149Page - Intel Corporation 915GL Datasheet HTML 150Page - Intel Corporation 915GL Datasheet HTML 151Page - Intel Corporation 915GL Datasheet HTML 152Page - Intel Corporation 915GL Datasheet HTML 153Page - Intel Corporation 915GL Datasheet HTML 154Page - Intel Corporation 915GL Datasheet HTML 155Page - Intel Corporation 915GL Datasheet HTML 156Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
152
Datasheet
8.1.34
DCTL—Device Control (D1:F0)
PCI Device:
1
Address Offset:
A8h
Default Value:
0000h
Access:
R/W
Size:
16 bits
This register provides control for PCI Express device specific capabilities.
The error reporting enable bits are in reference to errors detected by this device, not error
messages received across the link. The reporting of error messages (ERR_CORR,
ERR_NONFATAL, ERR_FATAL) received by Root Port is controlled exclusively by Root Port
Command Register.
Bit
Access &
Default
Description
15:8
Reserved
7:5
R/W
000b
Max Payload Size
000 = 128B maximum supported payload for Transaction Layer Packets (TLP).
As a receiver, the device must handle TLPs as large as the set value; as
transmitter, the device must not generate TLPs exceeding the set value.
Note: All other encodings are reserved.
4
Reserved
3
R/W
0b
Unsupported Request Reporting Enable:
0 = Disable.
1 = Enable. Unsupported Requests will be reported.
Note that reporting of error messages received by Root Port is controlled
exclusively by Root Control register.
2
R/W
0b
Fatal Error Reporting Enable:
0 = Disable.
1 = Enable. Fatal errors will be reported. For a Root Port, the reporting of fatal
errors is internal to the root. No external ERR_FATAL message is
generated.
1
R/W
0b
Non-Fatal Error Reporting Enable:
0 = Disable.
1 = Enable. Non-fatal errors will be reported. For a Root Port, the reporting of
non-fatal errors is internal to the root. No external ERR_NONFATAL
message is generated. Uncorrectable errors can result in degraded
performance.
0
R/W
0b
Correctable Error Reporting Enable:
0 = Disable.
1 = Enable. Correctable errors will be reported. For a Root Port, the reporting of
correctable errors is internal to the root. No external ERR_CORR message
is generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com