Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 148 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 148 Page - Intel Corporation

Back Button 915GL Datasheet HTML 144Page - Intel Corporation 915GL Datasheet HTML 145Page - Intel Corporation 915GL Datasheet HTML 146Page - Intel Corporation 915GL Datasheet HTML 147Page - Intel Corporation 915GL Datasheet HTML 148Page - Intel Corporation 915GL Datasheet HTML 149Page - Intel Corporation 915GL Datasheet HTML 150Page - Intel Corporation 915GL Datasheet HTML 151Page - Intel Corporation 915GL Datasheet HTML 152Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
148
Datasheet
8.1.28
MC—Message Control (D1:F0)
PCI Device:
1
Address Offset:
92h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
System software can modify bits in this register, but the device is prohibited from doing so.
If the device writes the same message multiple times, only one of those messages is guaranteed to
be serviced. If all of them must be serviced, the device must not generate the same message again
until the driver services the earlier one.
Bit
Access &
Default
Description
15:8
Reserved
7
RO
0b
64-bit Address Capable: Hardwired to 0 to indicate that the function does not
implement the upper 32 bits of the Message Address register and is incapable of
generating a 64-bit memory address.
6:4
R/W
000b
Multiple Message Enable (MME): System software programs this field to
indicate the actual number of messages allocated to this device. This number will
be equal to or less than the number actually requested.
000 = 1 message allocated
001–111 = Reserved
3:1
RO
000b
Multiple Message Capable (MMC): System software reads this field to
determine the number of messages being requested by this device.
000 = 1 message requested
001–111 = Reserved
0
R/W
0b
MSI Enable (MSIEN) Controls the ability of this device to generate MSIs.
0 = MSI will not be generated.
1 = MSI will be generated when we receive PME or HotPlug messages. INTA will
not be generated and INTA Status (PCISTS1[3]) will not be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com