Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 161 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 161 Page - Intel Corporation

Back Button 915GL Datasheet HTML 157Page - Intel Corporation 915GL Datasheet HTML 158Page - Intel Corporation 915GL Datasheet HTML 159Page - Intel Corporation 915GL Datasheet HTML 160Page - Intel Corporation 915GL Datasheet HTML 161Page - Intel Corporation 915GL Datasheet HTML 162Page - Intel Corporation 915GL Datasheet HTML 163Page - Intel Corporation 915GL Datasheet HTML 164Page - Intel Corporation 915GL Datasheet HTML 165Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
161
8.1.43
RSTS—Root Status (D1:F0)
PCI Device:
1
Address Offset:
C0h
Default Value:
00000000h
Access:
RO, R/W/C
Size:
32 bits
This register provides information about PCI Express Root Complex specific parameters.
Bit
Access &
Default
Description
31:18
Reserved
17
RO
0b
PME Pending: This bit indicates that another PME is pending when the PME
Status bit is set. When the PME Status bit is cleared by software; the PME is
delivered by hardware by setting the PME Status bit again and updating the
Requestor ID appropriately. The PME pending bit is cleared by hardware if no
more PMEs are pending.
16
R/W/C
0b
PME Status: This bit indicates that the requestor ID indicated in the PME
Requestor ID field asserted PME. Subsequent PMEs are kept pending until the
status register is cleared by writing a 1 to this field.
15:0
RO
0000h
PME Requestor ID: This field indicates the PCI requestor ID of the last PME
requestor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com