Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 165 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 165 Page - Intel Corporation

Back Button 915GL Datasheet HTML 161Page - Intel Corporation 915GL Datasheet HTML 162Page - Intel Corporation 915GL Datasheet HTML 163Page - Intel Corporation 915GL Datasheet HTML 164Page - Intel Corporation 915GL Datasheet HTML 165Page - Intel Corporation 915GL Datasheet HTML 166Page - Intel Corporation 915GL Datasheet HTML 167Page - Intel Corporation 915GL Datasheet HTML 168Page - Intel Corporation 915GL Datasheet HTML 169Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
165
8.1.49
VC0RCAP—VC0 Resource Capability (D1:F0)
PCI Device:
1
Address Offset:
110h
Default Value:
00000000h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:16
Reserved
15
RO
0b
Reject Snoop Transactions
0 = Transactions with or without the No Snoop bit set within the TLP header are
allowed on this VC.
1 = Any transaction without the No Snoop bit set within the TLP header will be
rejected as an Unsupported Request.
14:0
Reserved
8.1.50
VC0RCTL—VC0 Resource Control (D1:F0)
PCI Device:
1
Address Offset:
114h
Default Value:
8000007Fh
Access:
RO, R/W
Size:
32 bits
This register controls the resources associated with PCI Express Virtual Channel 0.
Bit
Access &
Default
Description
31
RO
1b
VC0 Enable: For VC0, this is hardwired to 1 and read only as VC0 can never be
disabled.
30:27
Reserved
26:24
RO
000b
VC0 ID: This field assigns a VC ID to the VC resource. For VC0 this is hardwired
to 0 and read only.
23:8
Reserved
7:1
R/W
7Fh
TC/VC0 Map: This field indicates the TCs (Traffic Classes) that are mapped to
the VC resource. Bit locations within this field correspond to TC values. For
example, when bit 7 is set in this field, TC7 is mapped to this VC resource. When
more than one bit in this field is set, it indicates that multiple TCs are mapped to
the VC resource. In order to remove one or more TCs from the TC/VC Map of an
enabled VC, software must ensure that no new or outstanding transactions with
the TC labels are targeted at the given Link.
0
RO
1b
TC0/VC0 Map: Traffic Class 0 is always routed to VC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com