Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 166 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 166 Page - Intel Corporation

Back Button 915GL Datasheet HTML 162Page - Intel Corporation 915GL Datasheet HTML 163Page - Intel Corporation 915GL Datasheet HTML 164Page - Intel Corporation 915GL Datasheet HTML 165Page - Intel Corporation 915GL Datasheet HTML 166Page - Intel Corporation 915GL Datasheet HTML 167Page - Intel Corporation 915GL Datasheet HTML 168Page - Intel Corporation 915GL Datasheet HTML 169Page - Intel Corporation 915GL Datasheet HTML 170Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
166
Datasheet
8.1.51
VC0RSTS—VC0 Resource Status (D1:F0)
PCI Device:
1
Address Offset:
11Ah
Default Value:
0000h
Access:
RO
Size:
16 bits
This register reports the Virtual Channel specific status.
Bit
Access &
Default
Description
15:2
Reserved
1
RO
1b
VC0 Negotiation Pending
0 = The VC negotiation is complete.
1 = The VC resource is still in the process of negotiation (initialization or
disabling).
This bit indicates the status of the process of Flow Control initialization. It is set by
default on Reset, as well as whenever the corresponding Virtual Channel is
Disabled or the Link is in the DL_Down state. It is cleared when the link
successfully exits the FC_INIT2 state
Before using a Virtual Channel, software must check whether the VC Negotiation
Pending fields for that Virtual Channel are cleared in both Components on a Link.
0
Reserved
8.1.52
VC1RCAP—VC1 Resource Capability (D1:F0)
PCI Device:
1
Address Offset:
11Ch
Default Value:
00008000h
Access:
RO
Size:
32 bits
Bit
Access &
Default
Description
31:16
Reserved
15
RO
1b
Reject Snoop Transactions
0 = Transactions with or without the No Snoop bit set within the TLP header are
allowed on this VC.
1 = Any transaction without the No Snoop bit set within the TLP header will be
rejected as an Unsupported Request.
14:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com