Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 167 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 167 Page - Intel Corporation

Back Button 915GL Datasheet HTML 163Page - Intel Corporation 915GL Datasheet HTML 164Page - Intel Corporation 915GL Datasheet HTML 165Page - Intel Corporation 915GL Datasheet HTML 166Page - Intel Corporation 915GL Datasheet HTML 167Page - Intel Corporation 915GL Datasheet HTML 168Page - Intel Corporation 915GL Datasheet HTML 169Page - Intel Corporation 915GL Datasheet HTML 170Page - Intel Corporation 915GL Datasheet HTML 171Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
Datasheet
167
8.1.53
VC1RCTL—VC1 Resource Control (D1:F0)
PCI Device:
1
Address Offset:
120h
Default Value:
01000000h
Access:
RO, R/W
Size:
32 bits
Controls the resources associated with PCI Express Virtual Channel 1.
Bit
Access &
Default
Description
31
R/W
0b
VC1 Enable
0 = Virtual Channel is disabled.
1 = Virtual Channel is enabled. See exceptions in note below.
Software must use the VC Negotiation Pending bit to check whether the VC
negotiation is complete. When VC Negotiation Pending bit is cleared, a 1 read
from this VC Enable bit indicates that the VC is enabled (Flow Control
Initialization is completed for the PCI Express* port); a 0 read from this bit
indicates that the Virtual Channel is currently disabled.
Notes:
• To enable a Virtual Channel, the VC Enable bits for that Virtual Channel must
be set in both Components on a Link.
• To disable a Virtual Channel, the VC Enable bits for that Virtual Channel must
be cleared in both Components on a Link.
• Software must ensure that no traffic is using a Virtual Channel at the time it is
disabled.
• Software must fully disable a Virtual Channel in both Components on a Link
before re-enabling the Virtual Channel.
30:27
Reserved
26:24
R/W
001b
VC1 ID: Assigns a VC ID to the VC resource. Assigned value must be non-zero.
This field cannot be modified when the VC is already enabled.
23:8
Reserved
7:1
R/W
00h
TC/VC1 Map: This field indicates the TCs (Traffic Classes) that are mapped to
the VC resource. Bit locations within this field correspond to TC values. For
example, when bit 7 is set in this field, TC7 is mapped to this VC resource. When
more than one bit in this field is set, it indicates that multiple TCs are mapped to
the VC resource. In order to remove one or more TCs from the TC/VC Map of an
enabled VC, software must ensure that no new or outstanding transactions with
the TC labels are targeted at the given Link.
0
RO
0b
TC0/VC1 Map: Traffic Class 0 is always routed to VC0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com