Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 170 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 170 Page - Intel Corporation

Back Button 915GL Datasheet HTML 166Page - Intel Corporation 915GL Datasheet HTML 167Page - Intel Corporation 915GL Datasheet HTML 168Page - Intel Corporation 915GL Datasheet HTML 169Page - Intel Corporation 915GL Datasheet HTML 170Page - Intel Corporation 915GL Datasheet HTML 171Page - Intel Corporation 915GL Datasheet HTML 172Page - Intel Corporation 915GL Datasheet HTML 173Page - Intel Corporation 915GL Datasheet HTML 174Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 426 page
background image
Host-PCI Express* Bridge Registers (D1:F0)
(Intel® 82915G/82915P/82915PL Only)
R
170
Datasheet
8.1.57
LE1D—Link Entry 1 Description (D1:F0)
PCI Device:
1
Address Offset:
150h
Default Value:
00000000h
Access:
RO, R/WO
Size:
32 bits
This register provides the First part of a Link Entry that declares an internal link to another Root
Complex Element.
Bit
Access &
Default
Description
31:24
RO
00h
Target Port Number: This field specifies the port number associated with the
element targeted by this link entry (Egress Port). The target port number is with
respect to the component that contains this element as specified by the target
component ID.
23:16
R/WO
00h
Target Component ID: This field indicates the physical or logical component that
is targeted by this link entry. A value of 0 is reserved; Component IDs start at 1.
This value is a mirror of the value in the Component ID field of all elements in this
component. The value only needs to be written in one of the mirrored fields and it
will be reflected everywhere that it is mirrored.
15:2
Reserved
1
RO
0b
Link Type: This field indicates that the link points to memory-mapped space (for
RCRB). The link address specifies the 64-bit base address of the target RCRB.
0
R/WO
0b
Link Valid:
0 = Link Entry is not valid and will be ignored.
1 = Link Entry specifies a valid link.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com