Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 174 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 174 Page - Intel Corporation

Back Button 915GL Datasheet HTML 170Page - Intel Corporation 915GL Datasheet HTML 171Page - Intel Corporation 915GL Datasheet HTML 172Page - Intel Corporation 915GL Datasheet HTML 173Page - Intel Corporation 915GL Datasheet HTML 174Page - Intel Corporation 915GL Datasheet HTML 175Page - Intel Corporation 915GL Datasheet HTML 176Page - Intel Corporation 915GL Datasheet HTML 177Page - Intel Corporation 915GL Datasheet HTML 178Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
174
Datasheet
Address
Offset
Register
Symbol
Register Name
Default
Value
Access
3Ch
INTRLINE
Interrupt Line
00h
R/W
3Dh
INTRPIN
Interrupt Pin
01h
RO
3Eh
MINGNT
Minimum Grant
00h
RO
3Fh
MAXLAT
Maximum Latency
00h
RO
40–43h
—
Reserved
—
—
44h
MCAPPTR
Mirror of Dev0 Capability Pointer
D0h
RO
45–47h
—
Reserved
—
—
48–50h
MCAPID
Mirror of Dev0 Capability Identification
0000000000
01090009h
RO
51h
—
Reserved
—
—
52–53h
MGGC
Mirror of Dev0 GMCH Graphics Control
0030h
RO
54–57h
MDEVENde
v0F0
Mirror of Dev0 Device Enable
00000019h
RO
58–5Bh
—
Reserved
—
—
5C–5Fh
BSM
Base of Stolen Memory
07800000h
RO
60–61h
—
Reserved
—
—
62h
MSAC
Multi size Aperture Control
00h
R/W
63–CFh
—
Reserved
—
—
D0–D1h
PMCAPID
Power Management Capabilities ID
0001h
RO
D2–D3h
PMCAP
Power Management Capabilities
0022h
RO
D4–D5h
PMCS
Power Management Control/Status
0000h
RO, R/W
D6–D7h
—
Reserved
—
—
E0–E1h
SWSMI
Software SMI
0000h
R/W
E2–E3h
—
Reserved
—
—
E4–E7
ASLE
System Display Event
00000000h
R/W
E8h–FBh
—
Reserved
—
—
FC–FFh
ASLS
ASL Storage
00000000h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com