Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 178 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 178 Page - Intel Corporation

Back Button 915GL Datasheet HTML 174Page - Intel Corporation 915GL Datasheet HTML 175Page - Intel Corporation 915GL Datasheet HTML 176Page - Intel Corporation 915GL Datasheet HTML 177Page - Intel Corporation 915GL Datasheet HTML 178Page - Intel Corporation 915GL Datasheet HTML 179Page - Intel Corporation 915GL Datasheet HTML 180Page - Intel Corporation 915GL Datasheet HTML 181Page - Intel Corporation 915GL Datasheet HTML 182Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
178
Datasheet
9.1.5
RID2—Revision Identification (D2:F0)
PCI Device:
2
Address Offset:
08h
Default Value:
See bit description
Access:
RO
Size:
8 bits
This register contains the revision number for Device 2 Functions 0 and 1
Bit
Access &
Default
Description
7:0
RO
00h
Revision Identification Number (RID): This field indicates the number of times
that this device in this component has been “stepped” through the manufacturing
process. Refer to the Intel
® 82915G/82915P/82915GV/82910GL Express
Chipset Specification Update for the value of the Revision ID Register.
9.1.6
CC—Class Code (D2:F0)
PCI Device:
2
Address Offset:
09h
Default Value:
030000h
Access:
RO
Size:
24 bits
This register contains the device programming interface information related to the Sub-Class
Code and Base Class Code definition for the IGD. This register also contains the Base Class Code
and the function sub-class in relation to the Base Class Code.
Bit
Access &
Default
Description
23:16
RO
03h
Base Class Code (BCC). This is an 8-bit value that indicates the base class
code for the GMCH.
03h = Display Controller.
15:8
RO
00h
Sub-Class Code (SUBCC): Value will be determined based on Device 0 GGC
register, bit 1.
00h = VGA compatible
80h = Non VGA
7:0
RO
00 h
Programming Interface (PI)
00h = Hardwired as a Display controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com