Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 180 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 180 Page - Intel Corporation

Back Button 915GL Datasheet HTML 176Page - Intel Corporation 915GL Datasheet HTML 177Page - Intel Corporation 915GL Datasheet HTML 178Page - Intel Corporation 915GL Datasheet HTML 179Page - Intel Corporation 915GL Datasheet HTML 180Page - Intel Corporation 915GL Datasheet HTML 181Page - Intel Corporation 915GL Datasheet HTML 182Page - Intel Corporation 915GL Datasheet HTML 183Page - Intel Corporation 915GL Datasheet HTML 184Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
180
Datasheet
9.1.9
HDR2—Header Type (D2:F0)
PCI Device:
2
Address Offset:
0Eh
Default Value:
80h
Access:
RO
Size:
8 bits
This register contains the Header Type of the IGD.
Bit
Access &
Default
Description
7
RO
1b
Multi Function Status (MFunc): This bit indicates if the device is a Multi-
Function Device. The Value of this register is determined by Device 0, offset 54h,
DEVEN[4]. If Device 0 DEVEN[4] is set, the Mfunc bit is also set.
6:0
RO
00h
Header Code (H): This is a 7-bit value that indicates the Header Code for the
IGD. This code has the value 00h, indicating a type 0 configuration space format.
9.1.10
MMADR—Memory Mapped Range Address (D2:F0)
PCI Device:
2
Address Offset:
10h
Default Value:
00000000h
Access:
RO, R/W
Size:
32 bits
This register requests allocation for the IGD registers and instruction ports. The allocation is for
512 KB and the base address is defined by bits [31:19].
Bit
Access &
Default
Description
31:19
R/W
0000h
Memory Base Address: Set by the OS, these bits correspond to address
signals [31:19].
18:4
RO
0000h
Address Mask: Hardwired to 0s to indicate 512 KB address range.
3
RO
0b
Prefetchable Memory: Hardwired to 0 to prevent prefetching.
2:1
RO
00b
Memory Type: Hardwired to 0s to indicate 32-bit address.
0
RO
0b
Memory / IO Space: Hardwired to 0 to indicate memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com