Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 181 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 181 Page - Intel Corporation

Back Button 915GL Datasheet HTML 177Page - Intel Corporation 915GL Datasheet HTML 178Page - Intel Corporation 915GL Datasheet HTML 179Page - Intel Corporation 915GL Datasheet HTML 180Page - Intel Corporation 915GL Datasheet HTML 181Page - Intel Corporation 915GL Datasheet HTML 182Page - Intel Corporation 915GL Datasheet HTML 183Page - Intel Corporation 915GL Datasheet HTML 184Page - Intel Corporation 915GL Datasheet HTML 185Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
Datasheet
181
9.1.11
IOBAR—I/O Base Address (D2:F0)
PCI Device:
2
Address Offset:
14h
Default Value:
00000001h
Access:
RO, R/W
Size:
32 bits
This register provides the Base offset of the I/O registers within Device 2. Bits 15:3 are
programmable allowing the I/O Base to be located anywhere in 16 bit I/O address space. Bits 2:1
are fixed and return 0s; bit 0 is hardwired to a 1 indicating that 8 bytes of I/O space are decoded.
Access to the 8Bs of I/O space is allowed in PM state D0 when IO Enable (PCICMD bit 0) set.
Access is disallowed in PM states D1–D3 or if IO Enable is clear or if Device 2 is turned off.
Note that access to this I/O BAR is independent of VGA functionality within Device 2. Also note
that this mechanism in available only through function 0 of Device 2 and is not duplicated in
Function 1.
If accesses to this I/O bar are allowed, the GMCH claims all 8, 16, or 32 bit I/O cycles from the
processor that falls within the 8B claimed.
Bit
Access &
Default
Description
31:16
Reserved
15:3
R/W
0000h
IO Base Address: Set by the OS, these bits correspond to address signals
[15:3].
2:1
RO
00b
Memory Type: Hardwired to 0s to indicate 32-bit address.
0
RO
1b
Memory / I/O Space: Hardwired to 1 to indicate I/O space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com