Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 185 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 185 Page - Intel Corporation

Back Button 915GL Datasheet HTML 181Page - Intel Corporation 915GL Datasheet HTML 182Page - Intel Corporation 915GL Datasheet HTML 183Page - Intel Corporation 915GL Datasheet HTML 184Page - Intel Corporation 915GL Datasheet HTML 185Page - Intel Corporation 915GL Datasheet HTML 186Page - Intel Corporation 915GL Datasheet HTML 187Page - Intel Corporation 915GL Datasheet HTML 188Page - Intel Corporation 915GL Datasheet HTML 189Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 426 page
background image
Integrated Graphics Device Registers (D2:F0)
(Intel® 82915G/82915GV/82915GL/ 82910GL GMCH Only)
R
Datasheet
185
9.1.17
CAPPOINT—Capabilities Pointer (D2:F0)
PCI Device:
2
Address Offset:
34h
Default Value:
D0h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
D0h
Capabilities Pointer Value: This field contains an offset into the function’s PCI
configuration space for the first item in the New Capabilities Linked List; the
Power Management Capabilities ID registers at address D0h.
9.1.18
INTRLINE—Interrupt Line (D2:F0)
PCI Device:
2
Address Offset:
3Ch
Default Value:
00h
Access:
R/W
Size:
8 bits
Bit
Access &
Default
Description
7:0
R/W
00h
Interrupt Connection: This field is used to communicate interrupt line routing
information. POST software writes the routing information into this register as it
initializes and configures the system. The value in this register indicates which
input of the system interrupt controller that the device’s interrupt pin is connected
to.
9.1.19
INTRPIN—Interrupt Pin (D2:F0)
PCI Device:
2
Address Offset:
3Dh
Default Value:
01h
Access:
RO
Size:
8 bits
Bit
Access &
Default
Description
7:0
RO
01h
Interrupt Pin: As a device that only has interrupts associated with a single
function, the IGD specifies INTA# as its interrupt pin.
01h = INTA#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com