Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 200 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 200 Page - Intel Corporation

Back Button 915GL Datasheet HTML 196Page - Intel Corporation 915GL Datasheet HTML 197Page - Intel Corporation 915GL Datasheet HTML 198Page - Intel Corporation 915GL Datasheet HTML 199Page - Intel Corporation 915GL Datasheet HTML 200Page - Intel Corporation 915GL Datasheet HTML 201Page - Intel Corporation 915GL Datasheet HTML 202Page - Intel Corporation 915GL Datasheet HTML 203Page - Intel Corporation 915GL Datasheet HTML 204Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 426 page
background image
Device 2 Function 1 (D2:F1) Configuration Registers
(Intel® 82915G/82915GV/82915GL/ 82910GL Only)
R
200
Datasheet
10.1.15
MINGNT—Minimum Grant Register (D2:F1)
PCI Device:
2
Address Offset:
3Eh
Default Value:
00h
Access:
RO
Size:
8 bits
This register is a copy of Device 2, Function 0. It has the same Read, Write attributes as D2:F0. It
is implemented as common hardware with two access addresses.
10.1.16
MAXLAT—Maximum Latency (D2:F1)
PCI Device:
2
Address Offset:
3Fh
Default Value:
00h
Access:
RO
Size:
8 bits
This register is a copy of Device 2, Function 0. It has the same Read, Write attributes as D2:F0. It
is implemented as common hardware with two access addresses.
10.1.17
MCAPPTR—Mirror of Dev0 Capability Pointer (D2:F1)
(Mirrored_D0_34)
PCI Device:
2
Function:
1
Address Offset:
44h
Size:
8 bits
This register is a Read Only copy of Device 0, Offset 34h register.
10.1.18
MCAPID—Mirror of Dev0 Capability Identification (D2:F1)
(Mirrored_D0_E0)
PCI Device:
2
Function:
1
Address Offset:
48h
Size:
72 bits
This register is a Read-Only copy of Device 0, Offset E0h register.
10.1.19
MGGC—Mirror of Dev0 GMCH Graphics Control (D2:F1)
(Mirrored_D0_52)
PCI Device:
2
Address Offset:
52h
Size:
16 bits
This register is a Read Only copy of Device 0, Offset 52h register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com