Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 204 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 204 Page - Intel Corporation

Back Button 915GL Datasheet HTML 200Page - Intel Corporation 915GL Datasheet HTML 201Page - Intel Corporation 915GL Datasheet HTML 202Page - Intel Corporation 915GL Datasheet HTML 203Page - Intel Corporation 915GL Datasheet HTML 204Page - Intel Corporation 915GL Datasheet HTML 205Page - Intel Corporation 915GL Datasheet HTML 206Page - Intel Corporation 915GL Datasheet HTML 207Page - Intel Corporation 915GL Datasheet HTML 208Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 426 page
background image
Device 2 Function 1 (D2:F1) Configuration Registers
(Intel® 82915G/82915GV/82915GL/ 82910GL Only)
R
204
Datasheet
10.2
Device 2 – PCI I/O Registers
The following are not PCI configurations registers; they are I/O registers.
10.2.1
MMIO_INDEX—MMIO Address Register
I/O Address:
IOBAR + 0h
Size:
32 bits
MMIO_INDEX: A 32 bit I/O write to this port loads the offset of the memory-mapped I/O
(MMIO) register that needs to be accessed. An I/O Read returns the current value of this register.
An 8/16-bit I/O write to this register is completed by the GMCH but does not update this register.
This mechanism to access internal graphics MMIO registers must not be used to access VGA I/O
registers that are mapped through the MMIO space. VGA registers must be accessed directly
through the dedicated VGA IO ports.
Bit
Access &
Default
Description
31:2
R/W
00000000 h
Register Offset: This field selects any one of the DWord registers within the
MMIO register space of Device 2.
1:0
Reserved
10.2.2
MMIO_DATA—MMIO Data Register
I/O Address:
IOBAR + 4h
Size:
32 bits
MMIO_DATA: A 32 bit I/O write to this port is re-directed to the MMIO register pointed to by
the MMIO-index register. A 32 bit I/O read to this port is re-directed to the MMIO register
pointed to by the MMIO-index register. 8 or 16 bit I/O writes are completed by the GMCH and
may have un-intended side effects; hence, they must not be used to access the data port. 8 or 16
bit I/O reads are completed normally.
Bit
Access &
Default
Description
31:0
R/W
00000000 h
MMIO Data Window
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com