| Electronic Components Datasheet Search |
|
915GL Datasheet(PDF) 206 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
915GL Datasheet(HTML) 206 Page - Intel Corporation |
|
206 / 426 page ![]() System Address Map R 206 Datasheet ⎯ IFPBAR – Any write to this window will trigger a flush of the (G)MCH’s Global Write Buffer to let software guarantee coherency between writes from an isochronous agent and writes from the processor (4-KB window). ⎯ GGC – 82915G/82915GV/82910GL GMCH graphics control register. Used to select the amount of main memory that is pre-allocated to support the internal graphics device in VGA (non-linear) and Native (linear) modes (0–64-MB options). • Device 1: Function 0: ⎯ MBASE1/MLIMIT1 – PCI Express port non-prefetchable memory access window. ⎯ PMBASE1/PMLIMIT1 – PCI Express port prefetchable memory access window. ⎯ IOBASE1/IOLIMIT1 – PCI Express port I/O access window. • Device 2: Function 0 (82915G/82915GV/82915GL/82910GL GMCH only) ⎯ MMADR – IGD registers and internal graphics instruction port. (512-KB window) ⎯ IOBAR – I/O access window for the GMCH internal graphics. Through this window address/data register pair, using I/O semantics, the IGD and internal graphics instruction port registers can be accessed. Note, this allows accessing the same registers as MMADR. In addition, the IOBAR can be used to issue writes to the GTTADR table. ⎯ GMADR – Internal graphics translation window. (256-MB window) ⎯ GTTADR – Internal graphics translation table location. (256-KB window). Note that the PGTBL_CTL register (MMIO 2020) indicates the physical address base which is 4 KB aligned. • Device 2: Function 1 (82915G/82915GV/82915GL/82910GL GMCH only) ⎯ MMADR – Function 1 IGD registers and internal graphics instruction port. (512-KB window) The rules for the above programmable ranges are: • ALL of these ranges MUST be unique and NON-OVERLAPPING. It is the BIOS or system designer’s responsibility to limit memory population so that adequate PCI, PCI Express, High BIOS, PCI Express Memory Mapped space, and APIC memory space can be allocated. • In the case of overlapping ranges with memory, the memory decode will be given priority. • There are NO Hardware Interlocks to prevent problems in the case of overlapping ranges. • Accesses to overlapped ranges may produce indeterminate results. • The only peer-to-peer cycles allowed below the top of memory (register TOLUD) are DMI to PCI Express VGA range writes. Note that peer to peer cycles to the Internal Graphics VGA range are not supported. Figure 11-1 shows the system memory address map in a simplified form. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |