Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 208 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 208 Page - Intel Corporation

Back Button 915GL Datasheet HTML 204Page - Intel Corporation 915GL Datasheet HTML 205Page - Intel Corporation 915GL Datasheet HTML 206Page - Intel Corporation 915GL Datasheet HTML 207Page - Intel Corporation 915GL Datasheet HTML 208Page - Intel Corporation 915GL Datasheet HTML 209Page - Intel Corporation 915GL Datasheet HTML 210Page - Intel Corporation 915GL Datasheet HTML 211Page - Intel Corporation 915GL Datasheet HTML 212Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 426 page
background image
System Address Map
R
208
Datasheet
Figure 11-2. Microsoft MS-DOS* Legacy Address Range
Expansion Area
128KB (16KBx8)
000C_0000h
000D_FFFFh
896KB
Extended System BIOS (Lower)
64KB (16KBx4)
000E_0000h
000E_FFFFh
960KB
Legacy Video Area
(SMM Memory)
128KB
000A_0000h
000B_FFFFh
768KB
DOS Area
0000_0000h
0009_FFFFh
640KB
System BIOS (Upper)
64KB
000F_0000h
000F_FFFFh
1MB
11.1.1
DOS Range (0h – 9_FFFFh)
The DOS area is 640 KB (0000_0000h – 0009_FFFFh) in size and is always mapped to the main
memory controlled by the (G)MCH.
11.1.2
Legacy Video Area (A_0000h–B_FFFFh)
The legacy 128-KB VGA memory range, frame buffer, (000A_0000h – 000B_FFFFh) can be
mapped to IGD, to PCI Express, and/or to the DMI. The appropriate mapping is programmable.
Based on the programming, priority for VGA mapping is constant. The (G)MCH always decodes
internally mapped devices first. Internal to the 82915G/82915GV/82915GL/82910GL GMCH,
decode precedence is always given to the IGD. The (G)MCH always positively decodes internally
mapped devices, namely the IGD (82915G/82915GV/82915GL/82910GL only) and PCI Express.
Subsequent decoding of regions mapped to PCI Express or the DMI depends on the
programming. This region is also the default for SMM space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com