Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 210 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 210 Page - Intel Corporation

Back Button 915GL Datasheet HTML 206Page - Intel Corporation 915GL Datasheet HTML 207Page - Intel Corporation 915GL Datasheet HTML 208Page - Intel Corporation 915GL Datasheet HTML 209Page - Intel Corporation 915GL Datasheet HTML 210Page - Intel Corporation 915GL Datasheet HTML 211Page - Intel Corporation 915GL Datasheet HTML 212Page - Intel Corporation 915GL Datasheet HTML 213Page - Intel Corporation 915GL Datasheet HTML 214Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 426 page
background image
System Address Map
R
210
Datasheet
11.1.4
Extended System BIOS Area (E_0000h–E_FFFFh)
This 64-KB area (000E_0000h – 000E_FFFFh) is divided into four, 16-KB segments. Each
segment can be assigned independent read and write attributes so it can be mapped either to main
DRAM or to the DMI. Typically, this area is used for RAM or ROM. Memory segments that are
disabled are not remapped elsewhere.
Non-snooped accesses from PCI Express or DMI to this region are always sent to main memory.
Table 11-2. Extended System BIOS Area Memory Segments
Memory Segments
Attributes
Comments
0E0000h–0E3FFFh
W/R
BIOS Extension
0E4000h–0E7FFFh
W/R
BIOS Extension
0E8000h–0EBFFFh
W/R
BIOS Extension
0EC000h–0EFFFFh
W/R
BIOS Extension
11.1.5
System BIOS Area (F_0000h–F_FFFFh)
This area is a single, 64-KB segment (000F_0000h – 000F_FFFFh). This segment can be
assigned read and write attributes. It is by default (after reset) read/write disabled and cycles are
forwarded to the DMI. By programming the read/write attributes, the (G)MCH can “shadow”
BIOS into main memory. When disabled, this segment is not remapped.
Non-snooped accesses from PCI Express or DMI to this region are always sent to main memory.
Table 11-3. System BIOS Area Memory Segments
Memory Segments
Attributes
Comments
0F0000h–0FFFFFh
WE RE
BIOS Area
11.1.6
Programmable Attribute Map (PAM) Memory Area Details
The 13 sections from 768 KB to 1 MB comprise what is also known as the PAM memory area.
The (G)MCH does not handle IWB (Implicit Write-Back) cycles targeting DMI. Since all
memory residing on DMI should be set as non-cacheable, there will normally not be IWB cycles
targeting DMI.
However, DMI becomes the default target for processor and DMI originated accesses to disabled
segments of the PAM region. If the MTRRs covering the PAM regions are set to WB or RC, it is
possible to get IWB cycles targeting DMI. This may occur for DMI-originated cycles to disabled
PAM regions.
Warning: For example, assume that a particular PAM region is set for “Read Disabled” and the MTRR
associated with this region is set to WB. A DMI master generates a memory read targeting the
PAM region. A snoop is generated on the FSB and the result is an IWB. Since the PAM region is
“Read Disabled”, the default target for the Memory Read becomes DMI. The IWB associated
with this cycle will cause the (G)MCH to hang.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com