Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 209 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 209 Page - Intel Corporation

Back Button 915GL Datasheet HTML 205Page - Intel Corporation 915GL Datasheet HTML 206Page - Intel Corporation 915GL Datasheet HTML 207Page - Intel Corporation 915GL Datasheet HTML 208Page - Intel Corporation 915GL Datasheet HTML 209Page - Intel Corporation 915GL Datasheet HTML 210Page - Intel Corporation 915GL Datasheet HTML 211Page - Intel Corporation 915GL Datasheet HTML 212Page - Intel Corporation 915GL Datasheet HTML 213Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 426 page
background image
System Address Map
R
Datasheet
209
Compatible SMRAM Address Range (A_0000h–B_FFFFh)
When compatible SMM space is enabled, SMM-mode processor accesses to this range are routed
to physical system DRAM at 000A 0000h–000B FFFFh. Non-SMM-mode processor accesses to
this range are considered to be to the Video Buffer Area as described above. PCI Express and
DMI originated cycles to enabled SMM space are not allowed and are considered to be to the
Video Buffer Area if IGD (82915G/82915GV/82915GL/82910GL GMCH only) is not enabled as
the VGA device. PCI Express and DMI initiated cycles are attempted as peer cycles, and will
master abort on PCI if no external VGA device claims them.
Monochrome Adapter (MDA) Range (B_0000h–B_7FFFh)
Legacy support requires the ability to have a second graphics controller (monochrome) in the
system. Accesses in the standard VGA range are forwarded to IGD, PCI Express, or the DMI
(depending on the programming of the on-chip registers). Since the monochrome adapter may be
mapped to any one of these devices, the (G)MCH must decode cycles in the MDA range
(000B_0000h – 000B_7FFFh) and forward either to IGD, PCI Express, or the DMI. In addition to
the memory range B0000h to B7FFFh, the (G)MCH decodes I/O cycles at 3B4h, 3B5h, 3B8h,
3B9h, 3BAh and 3BFh and forwards them to the either IGD, PCI Express, and/or the DMI.
11.1.3
Expansion Area (C_0000h–D_FFFFh)
This 128-KB ISA Expansion region (000C_0000h – 000D_FFFFh) is divided into eight, 16-KB
segments. Each segment can be assigned one of four read/write states: read only, write only,
read/write, or disabled. Typically, these blocks are mapped through the (G)MCH and are
subtractively decoded to ISA space. Memory that is disabled is not remapped.
Non-snooped accesses from PCI Express or DMI to this region are always sent to main memory.
Table 11-1. Expansion Area Memory Segments
Memory Segments
Attributes
Comments
0C0000h–0C3FFFh
W/R
Add-on BIOS
0C4000h–0C7FFFh
W/R
Add-on BIOS
0C8000h–0CBFFFh
W/R
Add-on BIOS
0CC000h –0CFFFFh
W/R
Add-on BIOS
0D0000h–0D3FFFh
W/R
Add-on BIOS
0D4000h–0D7FFFh
W/R
Add-on BIOS
0D8000h–0DBFFFh
W/R
Add-on BIOS
0DC000h–0DFFFFh
W/R
Add-on BIOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com