Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 212 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 212 Page - Intel Corporation

Back Button 915GL Datasheet HTML 208Page - Intel Corporation 915GL Datasheet HTML 209Page - Intel Corporation 915GL Datasheet HTML 210Page - Intel Corporation 915GL Datasheet HTML 211Page - Intel Corporation 915GL Datasheet HTML 212Page - Intel Corporation 915GL Datasheet HTML 213Page - Intel Corporation 915GL Datasheet HTML 214Page - Intel Corporation 915GL Datasheet HTML 215Page - Intel Corporation 915GL Datasheet HTML 216Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 426 page
background image
System Address Map
R
212
Datasheet
11.2.2
TSEG
TSEG is optionally 1 MB, 2 MB, or 8 MB in size. TSEG is below IGD stolen memory, which is
at the top of physical memory. SMM-mode processor accesses to enabled TSEG access the
physical DRAM at the same address. Non-processor originated accesses are not allowed to SMM
space. PCI Express, DMI, and Internal Graphics originated cycles to enabled SMM space are
handled as invalid cycle type with reads and writes to location 0 and byte enables turned off for
writes. When the extended SMRAM space is enabled, processor accesses to the TSEG range
without SMM attribute or without WB attribute are also forwarded to memory as invalid accesses.
Non-SMM-mode write-back cycles that target TSEG space are completed to main memory for
cache coherency. When SMM is enabled, the maximum amount of memory available to the
system is equal to the amount of physical main memory minus the value in the TSEG register
which is fixed at 1 MB, 2 MB or 8 MB.
11.2.3
Pre-allocated Memory
Voids of physical addresses that are not accessible as general system memory and reside within
system memory address range (< TOLUD) are created for SMM-mode and legacy VGA graphics
compatibility. It is the responsibility of BIOS to properly initialize these regions. Table 11-4
details the location and attributes of the regions.
Table 11-4. Pre-Allocated Memory Example for 64-MB DRAM, 1-MB VGA and 1-MB TSEG
Memory Segments
Attributes
Comments
0000_0000h – 03DF_FFFFh
R/W
Available system memory 62 MB
03E0_0000h – 03EF_FFFFh
SMM Mode Only -
processor reads
TSEG Address Range and Pre-allocated
memory
03F0_0000h – 03FF_FFFFh
R/W
Pre-allocated Graphics VGA memory.
1 MB (or 4/8/16/32/64 MB) when IGD is enabled.
11.3
PCI Memory Address Range (TOLUD – 4 GB)
This address range, from the top of physical memory to 4 GB (top of addressable memory space
supported by the (G)MCH) is normally mapped via the DMI to PCI. Exceptions to this mapping
include BAR memory mapped regions that include:
• EPBAR, MCHBAR, DMIBAR.
• The second exception to the mapping rule deals with the PCI Express port:
⎯ Addresses decoded to the PCI Express Memory Window defined by the MBASE1,
MLIMIT1, PMBASE1, and PMLIMIT1 registers are mapped to PCI Express.
⎯ Addresses decoded to PCI Express configuration space are mapped based on Bus,
Device, and Function number. (PCIEXBAR range).
• The third exception to the mapping rule occurs in an internal graphics configuration (82915G
GMCH only):
⎯ Addresses decoded to the Graphics Memory Range. (GMADR range)
⎯ Addresses decoded to the Graphics Translation Table range (GTTADR range).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com