Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 254 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 254 Page - Intel Corporation

Back Button 915GL Datasheet HTML 250Page - Intel Corporation 915GL Datasheet HTML 251Page - Intel Corporation 915GL Datasheet HTML 252Page - Intel Corporation 915GL Datasheet HTML 253Page - Intel Corporation 915GL Datasheet HTML 254Page - Intel Corporation 915GL Datasheet HTML 255Page - Intel Corporation 915GL Datasheet HTML 256Page - Intel Corporation 915GL Datasheet HTML 257Page - Intel Corporation 915GL Datasheet HTML 258Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 426 page
background image
Functional Description
R
254
Datasheet
Figure 12-3. System Clocking Example
CK410
48Pin SSOP
CK410
56Pin SSOP
ITP
PCIExpress GFX
FWHLPC
Processor
Processor Diff Pair
PCIExpressDev
14.000MHz
Processor Diff Pair
Processor Diff Pair
Diff Pair
PCI Express Diff Pair
PCI Express Diff Pair
PCIExpressDev
PCIExpressDev
PCIExpressDev
PCIExpressDiff Pair
PCIExpressDiff Pair
PCIExpressDiff Pair
PCIExpressDiff Pair
PCIExpressDiff Pair
SATADiffPair
25MHz
Diff Pair
Port80PCI
GlueChip
96 MHz DOT Diff Pair
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
PCI 33 MHz
Memory
LAN
SIO LPC
PCI 33 MHz
REF 14 MHz
25MHz
66MHz
Diff Pair
32.768 KHz
48 MHz USB
MainPLL
SSC
SATA
PLL
SSC
48/14 MHz
PLL
66/33
Buffer
25 MHz
Oscillator
66MHz
66MHz
66MHz
LCI Bit Clock
AC97
REF 14 MHz
High Def Audio
BitClock
TPM LPC
PCI 33 MHz
HPLL
MPLL
DPLL
DPLL
4 x1 PCI Exp
DMI
x16 PCI Exp
USB PLL
SATA
PLL
PCI
Express
PLL
High Def Audio
PCI 33 MHz
PCI 33 MHz
REF 14 MHz
24 MHz Bit
Clock
OSC
(G)MCH
Intel® ICH6
PCI
Express
PLL
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com