Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 256 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 256 Page - Intel Corporation

Back Button 915GL Datasheet HTML 252Page - Intel Corporation 915GL Datasheet HTML 253Page - Intel Corporation 915GL Datasheet HTML 254Page - Intel Corporation 915GL Datasheet HTML 255Page - Intel Corporation 915GL Datasheet HTML 256Page - Intel Corporation 915GL Datasheet HTML 257Page - Intel Corporation 915GL Datasheet HTML 258Page - Intel Corporation 915GL Datasheet HTML 259Page - Intel Corporation 915GL Datasheet HTML 260Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 426 page
background image
Electrical Characteristics
R
256
Datasheet
Symbol
Parameter
Min
Max
Uni
t
Notes
PCI Express*/Intel
® SDVO/DMI Interface
VCC_EXP
1.5 V PCI Express and DMI Supply Voltage
with respect to VSS
-0.3
1.65
V
VCCA_EXPPLL
1.5 V PCI Express PLL Analog Supply Voltage
with respect to VSS
-0.3
1.65
V
RGB/CRT DAC Display Interface (8 bit) (Intel
® 82915G/82915GV/82910GL GMCH only)
VCCA_DAC
2.5 V Display DAC Analog Supply Voltage with
respect to VSS
-0.3
2.65
V
VCCA_DPLLA
1.5 V Display PLL A Analog Supply Voltage
with respect to VSS
-0.3
1.65
V
VCCA_DPLLB
1.5 V Display PLL B Analog Supply Voltage
with respect to VSS
-0.3
1.65
V
CMOS Interface
VCC2
2.5 V CMOS Supply Voltage with respect to
VSS
-0.3
2.65
V
NOTES:
1. Possible damage to the (G)MCH may occur if the (G)MCH temperature exceeds 150 °C. Intel does not
guarantee functionality for parts that have exceeded temperatures above 150 °C due to specification
violation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com