Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 261 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 261 Page - Intel Corporation

Back Button 915GL Datasheet HTML 257Page - Intel Corporation 915GL Datasheet HTML 258Page - Intel Corporation 915GL Datasheet HTML 259Page - Intel Corporation 915GL Datasheet HTML 260Page - Intel Corporation 915GL Datasheet HTML 261Page - Intel Corporation 915GL Datasheet HTML 262Page - Intel Corporation 915GL Datasheet HTML 263Page - Intel Corporation 915GL Datasheet HTML 264Page - Intel Corporation 915GL Datasheet HTML 265Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 426 page
background image
Electrical Characteristics
R
Datasheet
261
Signal
Group
Signal Type
Signals
Notes
RGB/CRT DAC Display Signal Groups (Intel
® 82915G/82915GV/82915GL/82910GL GMCH only)
Analog Current
Outputs
RED, RED#, GREEN, GREEN#, BLUE, BLUE#
Analog/Ref
DAC
Miscellaneous
REFSET
Current Mode
Reference pin.
DC Spec. not
required
CMOS Type
HSYNC, VSYNC
Clocks, Reset, and Miscellaneous Signal Groups
(n)
HVCMOS Input
EXTTS#
(n1)
Miscellaneous
Inputs
RSTIN#, PWROK
(0)
Low Voltage
Diff. Clock Input
HCLKN, HCLKP, DREFCLKP, DREFCLKN, GCLKP,
GCLKN
(p)
HVCMOS I/O
SDVO_CRTLCLK, SDVO_CTRLDATA, DDC_CLK,
DDC_DATA
I/O Buffer Supply Voltages
(q)
1.2 V System
Bus Input
Supply Voltage
VTT
(r)
1.5 V SDVO,
PCI Express
Supply Voltages
VCC_EXP
(s)
2.6 V DDR
Supply Voltage
VCCSM (DDR)
(t)
1.8 V DDR2
Supply Voltage
VCCSM (DDR2)
(u)
1.5 V DDR PLL
Analog Supply
Voltage
VCCA_SMPLL (DDR)
(v)
1.5 V DDR2
PLL Analog
Supply Voltage
VCCA_SMPLL (DDR2)
(w)
1.5 V (G)MCH
Core Supply
Voltage
VCC
(x)
2.5 V CMOS
Supply Voltage
VCC2
(y)
2.5 V RGB/CRT
DAC Display
Analog Supply
Voltage
VCCA_DAC
(z)
PLL Analog
Supply Voltages
VCCA_HPLL, VCCA_EXPPLL, VCCA_DPLLA,
VCCA_DPLLB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com