Electronic Components Datasheet Search
  English  ▼

X  

915GL Datasheet(PDF) 263 Page - Intel Corporation

Part # 915GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

915GL Datasheet(HTML) 263 Page - Intel Corporation

Back Button 915GL Datasheet HTML 259Page - Intel Corporation 915GL Datasheet HTML 260Page - Intel Corporation 915GL Datasheet HTML 261Page - Intel Corporation 915GL Datasheet HTML 262Page - Intel Corporation 915GL Datasheet HTML 263Page - Intel Corporation 915GL Datasheet HTML 264Page - Intel Corporation 915GL Datasheet HTML 265Page - Intel Corporation 915GL Datasheet HTML 266Page - Intel Corporation 915GL Datasheet HTML 267Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 426 page
background image
Electrical Characteristics
R
Datasheet
263
Symbol
Signal
Group
Parameter
Min
Nom
Max
Unit
Notes
VOL_H
(a, b) Host GTL+ Output Low
Voltage
—
—
(0.25 x
VTT)+0.1
V
VOH_H
(a, b) Host GTL+ Output High
Voltage
VTT – 0.1
—
VTT
V
IOL_H
(a, b) Host GTL+ Output Low
Current
—
—
VTTmax /
(1-0.25)Rttmin
mA
Rttmin = 54Ω
ILEAK_H
(a, c) Host GTL+ Input Leakage
Current
—
—
20
µA
VOL<Vpad<Vtt
CPAD
(a, c) Host GTL+ Input
Capacitance
2
—
3.5
pF
CPCKG
(a, c) Host GTL+ Input
Capacitance (common clock)
0.90
—
2.5
pF
DDR Interface
VIL(DC) (DDR)
(h)
DDR Input Low Voltage
—
—
SMVREF
(DDR) – 0.15
V
VIH(DC) (DDR)
(h)
DDR Input High Voltage
SMVREF
(DDR) + 0.15
—
—
V
VIL(AC) (DDR)
(h)
DDR Input Low Voltage
—
—
SMVREF
(DDR) – 0.31
V
VIH(AC) (DDR)
(h)
DDR Input High Voltage
SMVREF
(DDR) + 0.31
—
—
V
VOL (DDR)
(h, i)
DDR Output Low Voltage
—
—
0.4
V
1
VOH (DDR)
(h, i)
DDR Output High Voltage
2.1
—
V
1
ILeak (DDR)
(h)
Input Leakage Current
—
—
±10
µA
CI/O (DDR)
(h, i)
DDR Input/Output Pin
Capacitance
3.0
—
6.0
pF
DDR2 Interface (Intel
® 82915G/82915GV GMCH and 82915P MCH only)
VIL(DC) (DDR2)
(k)
DDR2 Input Low Voltage
—
—
SMVREF
(DDR2) –
0.125
V
VIH(DC) (DDR2)
(k)
DDR2 Input High Voltage
SMVREF
(DDR2) +
0.125
—
—
V
VIL(AC) (DDR2)
(k)
DDR2 Input Low Voltage
—
—
SMVREF
(DDR2) –
0.250
V
VIH(AC) (DDR2)
(k)
DDR2 Input High Voltage
SMVREF
(DDR2) +
0.250
—
—
V
VOL (DDR2)
(k, l)
DDR2 Output Low Voltage
—
—
0.3
V
1
VOH (DDR2)
(k, l)
DDR2 Output High Voltage
1.5
—
V
1
ILeak (DDR2)
(k)
Input Leakage Current
—
—
±10
uA
CI/O (DDR2)
(k, l)
DDR2 Input/Output Pin
Capacitance
3.0
—
6.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com