Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 5 Page - ON Semiconductor

  FS6131 Datasheet HTML 1Page - ON Semiconductor FS6131 Datasheet HTML 2Page - ON Semiconductor FS6131 Datasheet HTML 3Page - ON Semiconductor FS6131 Datasheet HTML 4Page - ON Semiconductor FS6131 Datasheet HTML 5Page - ON Semiconductor FS6131 Datasheet HTML 6Page - ON Semiconductor FS6131 Datasheet HTML 7Page - ON Semiconductor FS6131 Datasheet HTML 8Page - ON Semiconductor FS6131 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
FS6131
4.1.4. Post Divider
The post divider consists of three individually programmable dividers, as shown in Error! Reference source not found..
Post
Divider 1
(N
P1)
Post
Divider 2
(N
P2)
Post
Divider 3
(N
P3)
POST3[1:0]
POST2[1:0]
POST1[1:0]
POST DIVIDER (N
Px)
f
out
f
GBL
Figure 4: Post Divider
The moduli of the individual dividers are denoted as NP1, NP2, and NP3, and together they make up the array modulus NPx.
3
2
1
P
P
P
Px
N
N
N
N
×
×
=
The post divider performs several useful functions. First, it allows the VCO to be operated in a narrower range of speeds compared to
the variety of output clock speeds that the device is required to generate. Second, it changes the basic PLL equation to
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
Px
R
F
REF
CLK
N
N
N
f
f
1
The extra integer in the denominator permits more flexibility in the programming of the loop for many applications where frequencies
must be achieved exactly.
Note that a nominal 50/50 duty factor is preserved for selections which have an odd modulus.
4.2 Phase Adjust and Sampling
In line-locked or genlocked applications, it is necessary to know the exact phase relation of the output clock relative to the input clock.
Since the VCO is included within the feedback loop in a simple PLL structure, the VCO output is exactly phase aligned with the input
clock. Every cycle of the input clock equals NR/NF cycles of the VCO clock.
Phase
Frequency
Detect
Feedback
Divider (N
F)
VCO
f
IN
f
OUT
Reference
Divider (N
R)
f
IN
f
OUT
Figure 5: Simple PLL
The addition of a post divider, while adding flexibility, makes the phase relation between the input and output clock unknown because
the post divider is outside the feedback loop.
Rev. 4 | Page 5 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com