Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 24 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 24 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 20Page - ON Semiconductor FS6131 Datasheet HTML 21Page - ON Semiconductor FS6131 Datasheet HTML 22Page - ON Semiconductor FS6131 Datasheet HTML 23Page - ON Semiconductor FS6131 Datasheet HTML 24Page - ON Semiconductor FS6131 Datasheet HTML 25Page - ON Semiconductor FS6131 Datasheet HTML 26Page - ON Semiconductor FS6131 Datasheet HTML 27Page - ON Semiconductor FS6131 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
FS6131
Table 14: DC Electrical Specifications (Continued)
Parameter
Symbol
Conditions/Description
Min.
Typ.
Max.
Units
Clock Outputs, CMOS Mode (CLKN, CLKP)
High-Level Output Source Current
IOH
VO = 2.4V
-45
-68
mA
Low-Level Output Sink Current
IOL
VO = 0.4V
15
20
mA
zOH
VO = 0.5VDD; output driving high
28
Output Impedance *
zOL
VO = 0.5VDD; output driving low
33
Ω
Short Circuit Source Current *
ISCH
VO = 0V; shorted for 30s, max.
-100
mA
Short Circuit Sink Current *
ISCL
VO = 5V; shorted for 30s, max.
100
mA
Clock Outputs, PECL Mode (CLKN, CLKP)
IPRG Current to Output Current Ratio
1:4
Low-Level Output Sink Current
IOL
IPRG input current = 15mA
60
mA
Tristate Output Current
IZ
-10
10
μA
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent
nominal characterization data and are not production tested to any specific limits. MIN and MAX characterization data are
± 3σ from typical. Negative currents indicate current
flows out of the device.
Table 15: AC Timing Specifications
Parameter
Symbol
Conditions/Description
Clock
(MHz)
Min.
Typ.
Max.
Units
Overall
CMOS Outputs
130
Output Frequency *
fO(max)
PECL Outputs
230
MHz
Low Phase Jitter Oscillator (OSCTYPE = 0)
VCOSPD = 0
40
160
VCOSPD = 1
40
100
FS6031 Compatible Oscillator (OSCTYPE = 1)
VCOSPD = 0
40
230
VCO Frequency *
fVCO
VCOSPD = 1
40
140
MHz
Low Phase Jitter Oscillator (OSCTYPE = 0)
VCOSPD = 0
125
VCOSPD = 1
75
FS6031 Compatible Oscillator (OSCTYPE = 1)
VCOSPD = 0
130
VCO Gain *
AVCO
VCOSPD = 1
78
MHz/V
LFTC = 0
13.5
Loop Filter Time Constant *
LFTC = 1
135
μs
Rise Time *
tr
CMOS Outputs, VO = 0.5V to 4.5V; CL = 15pF
1.1
ns
Fall Time *
tf
CMOS Outputs, VO = 4.5V to 0.5V; CL = 15pF
0.8
ns
Frequency Synthesis
200
μs
Lock Time (Main Loop) *
Line Locked Modes (8kHz reference)
10
ms
Disable Time *
From falling edge of SCL for the last data bit
(SHUT = 1 to 0) to output locked
10
μs
Rev. 4 | Page 24 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com