Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 28 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 24Page - ON Semiconductor FS6131 Datasheet HTML 25Page - ON Semiconductor FS6131 Datasheet HTML 26Page - ON Semiconductor FS6131 Datasheet HTML 27Page - ON Semiconductor FS6131 Datasheet HTML 28Page - ON Semiconductor FS6131 Datasheet HTML 29Page - ON Semiconductor FS6131 Datasheet HTML 30Page - ON Semiconductor FS6131 Datasheet HTML 31Page - ON Semiconductor FS6131 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
FS6131
8.0 Package Information for Both ‘Green’/’ROHS’ and ‘Non-Green’
Table 19: 16-pin SOIC (0.150") Package Dimensions
Dimension
Inches
Millimeters
Min.
Max.
Min.
Max.
A
0.061
0.068
1.55
1.73
A1
0.004
0.0098
0.102
0.249
A2
0.055
0.061
1.40
1.55
B
0.013
0.019
0.33
0.49
C
0.007
5
0.0098
0.191
0.249
D
0.386
0.393
9.80
9.98
E
0.150
0.157
3.81
3.99
e
0.050 BSC
1.27 BSC
H
0.230
0.244
5.84
6.20
h
0.010
0.016
0.25
0.41
L
0.016
0.035
0.41
0.89
Θ
0
°
8
°
0
°
8°
Table 20: 16-pin SOIC (0.150") Package Characteristics
Parameter
Symbol
Conditions/Description
Typ.
Units
Thermal Impedance, Junction to Free-Air
Θ
JA
Air flow = 0 ft./min.
108
°C/W
Corner lead
4.0
Lead Inductance, Self
L11
Center lead
3.0
nH
Lead Inductance, Mutual
L12
Any lead to any adjacent lead
0.4
nH
Lead Capacitance, Bulk
C11
Any lead to VSS
0.5
pF
9.0 Ordering Information
Part Number
Package
Shipping Configuration
Temperature Range
FS6131-01G-XTD
16-pin (0.150”) SOIC
(green, ROHS or lead free packaging)
Tube/Tray
0° C to 70° C (Commercial)
FS6131-01G-XTP
16-pin (0.150”) SOIC
(green, ROHS or lead free packaging)
Tape & Reel
0° C to 70° C (Commercial)
FS6131-01i-XTD
16-pin (0.150”) SOIC
(small outline package)
Tube/Tray
-40° C to 85° C (Industrial)
FS6131-01i-XTP
16-pin (0.150”) SOIC
(small outline package)
Tape & Reel
-40° C to 85° C (Industrial)
Rev. 4 | Page 28 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com