Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 36 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 32Page - ON Semiconductor FS6131 Datasheet HTML 33Page - ON Semiconductor FS6131 Datasheet HTML 34Page - ON Semiconductor FS6131 Datasheet HTML 35Page - ON Semiconductor FS6131 Datasheet HTML 36Page - ON Semiconductor FS6131 Datasheet HTML 37Page - ON Semiconductor FS6131 Datasheet HTML 38Page - ON Semiconductor FS6131 Datasheet HTML 39Page - ON Semiconductor FS6131 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
Rev. 4 | Page 36 of 44 | www.onsemi.com
FS6131
12.0 Device Application: Stand-Alone Clock Generation
The length of the reference and feedback dividers, their granularity and the flexibility of the post divider make the FS6131 the most
flexible monolithic stand-alone PLL clock generation device available. The effective block diagram of the FS6131 when programmed for
stand-alone mode is shown in Figure 24.
The source of the feedback divider in the stand-alone mode is the output of the VCO. By dividing the input reference frequency down by
reference divider (NR), then multiplying it up in the main loop through the feedback divider (NF), and finally dividing the main loop output
frequency by the post divider (NPx), we have the defining relationship for this mode. The equation for the output clock frequency (fCLK)
can be written as
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
Px
R
F
REF
CLK
N
N
N
f
f
1
where the reference source frequency (fREF) can be either supplied by the VCXO or applied to the REF pin.
Great flexibility is permitted in the programming of the FS6131 to achieve exact desired output frequencies since three integers are
involved in the computation.
12.1 Example Calculation
A Visual BASIC program is available to completely program the FS6131 based on the given parameters.
Suppose that the reference source frequency is 14.318MHz and the desired output frequency is 100MHz.
First, factor the 14.318MHz reference frequency (which is four times the NTSC television color sub-carrier) into prime numbers. The
exact expression is
11
7
5
3
2
81
.
14318181
1
7
2
5
×
×
×
=
=
REF
f
FS6131
VCXO
Divider
(optional)
(optional)
CRYSTAL LOOP
MAIN LOOP
VCXO
XOUT
XIN
Control
ROM
XTUNE
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
REF
FBK
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
Internal
Loop
Filter
EXTLF
I2C
Interface
SCL
SDA
ADDR
Registers
POST3[1:0]
POST2[1:0]
POST1[1:0]
REFDIV[11:0]
EXTLF
PDREF
PDFBK
VCOSPD,
OSCTYPE
LFTC
MLCP[1:0]
XLCP[1:0]
XLROM[2:0]
XLPDEN,
XLSWAP
REFDSRC
XCT[3:0],
XLVTEN
(f
REF)
(f
VCO)
LOCK/
IPRG
Post
Divider
(N
Px)
Voltage
Controlled
Oscillator
Lock
Detect
CMOS
(optional)
STAT[1:0]
OM[1:0]
Clock
Gobbler
GBL
(optional)
Feedback
Divider (N
F)
FBKDIV[14:0]
FBKDSRC[1:0]
CMOS/PECL
Output
CLKN
(f
CLK)
CLKP
R
LF
C
LF
R
IPRG
C
LP
Figure 24: Block Diagram: Stand-Alone Clock Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com