Electronic Components Datasheet Search
  English  ▼

X  

FS6131 Datasheet(PDF) 8 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 4Page - ON Semiconductor FS6131 Datasheet HTML 5Page - ON Semiconductor FS6131 Datasheet HTML 6Page - ON Semiconductor FS6131 Datasheet HTML 7Page - ON Semiconductor FS6131 Datasheet HTML 8Page - ON Semiconductor FS6131 Datasheet HTML 9Page - ON Semiconductor FS6131 Datasheet HTML 10Page - ON Semiconductor FS6131 Datasheet HTML 11Page - ON Semiconductor FS6131 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
FS6131
The transfer function of the feedback divider is:
F
F
N
K
1
=
Finally, the sampling effect that occurs in the phase detector is accounted for by:
REF
f
s
SAMP
f
s
e
s
K
REF
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
=
⎟
⎠
⎞
⎜
⎝
⎛
−
1
)
(
The loop gain of the PLL is:
)
(
)
(
)
(
)
(
s
K
K
s
K
s
K
K
s
K
SAMP
F
VCO
LF
PD
LOOP
=
0.01
Frequency (f
i)
0.1
0.1kHz
1kHz
10kHz
100kHz
1
10
100
Figure 8: Loop Gain vs. Frequency
The loop phase angle is:
[
]
)
2
(
arg
i
LOOP
i
f
j
K
π
=
Θ
Rev. 4 | Page 8 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com